Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GWTTR Datasheet(PDF) 41 Page - STMicroelectronics

Part # LED1642GWTTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWTTR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LED1642GWTTR Datasheet HTML 34Page - STMicroelectronics LED1642GWTTR Datasheet HTML 35Page - STMicroelectronics LED1642GWTTR Datasheet HTML 36Page - STMicroelectronics LED1642GWTTR Datasheet HTML 37Page - STMicroelectronics LED1642GWTTR Datasheet HTML 38Page - STMicroelectronics LED1642GWTTR Datasheet HTML 39Page - STMicroelectronics LED1642GWTTR Datasheet HTML 40Page - STMicroelectronics LED1642GWTTR Datasheet HTML 41Page - STMicroelectronics LED1642GWTTR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
DocID024395 Rev 6
41/42
LED1642GW
Revision history
42
13
Revision history
Table 19. Document revision history
Date
Revision
Changes
03-May-2013
1
Initial release.
06-Jun-2013
2
Updated Table 2: Absolute maximum ratings, Figure 10:
Channel current vs. gain register value and Section 8.2:
Error detection mode (CFG-7).
Added Figure 13, 14, 15 and 16.
Minor text changes.
19-Aug-2013
3
Updated the Title, the Features and the Description.
Modified Table 4: Electrical characteristics,
Updated Table 9: Example of current ranges, Table 10:
Gain steps for the current range selected by REXT = 11
kW, Section 8.2: Error detection mode (CFG-7),
Section 8.8: PWM counter setting and brightness
register (CFG-15).
18-Mar-2014
4
Added footnote 1 in Table 5: Switching characteristics
and footnote 5 in Table 4: Electrical characteristics.
16-Jun-2014
5
Updated Table 16: TSSOP24 exposed pad mechanical
data.
Minor text changes.
16-Nov-2015
6
Modified footnote 2 in Table 3: Thermal characteristics.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com