Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GWTTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # LED1642GWTTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWTTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LED1642GWTTR Datasheet HTML 25Page - STMicroelectronics LED1642GWTTR Datasheet HTML 26Page - STMicroelectronics LED1642GWTTR Datasheet HTML 27Page - STMicroelectronics LED1642GWTTR Datasheet HTML 28Page - STMicroelectronics LED1642GWTTR Datasheet HTML 29Page - STMicroelectronics LED1642GWTTR Datasheet HTML 30Page - STMicroelectronics LED1642GWTTR Datasheet HTML 31Page - STMicroelectronics LED1642GWTTR Datasheet HTML 32Page - STMicroelectronics LED1642GWTTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DocID024395 Rev 6
29/42
LED1642GW
Thermal flag
42
9
Thermal flag
The device has a thermal control logic providing a flag status when the internal temperature
exceeds 150 °C (if temperature increases over 170 °C a thermal shutdown protects the
device). This status can be read running the digital key "thermal error reading", holding the
LE high for 13 CLK rising edges (see Figure 25). If thermal alert is asserted, a 16-bit string =
"1" is sent by SDO. The error data is uploaded into EDR register and this error notification is
ready to be streamed through SDO to next 16 CLK rising edges. Hence, thermal flag status
can be:
Figure 25. Thermal flag status
Device temperature
SDO
under 150 °C
“0000 0000 0000 0000”
over 150 °C
“1111 1111 1111 1111”
Thermal
Flag Status
Previous data
13 Clock pulses with LE asserted
AM13706V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com