Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4933MR Datasheet(PDF) 16 Page - STMicroelectronics

Part # SD4933MR
Description  50 V moisture resistant DMOS transistor for ISM applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933MR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SD4933MR Datasheet HTML 12Page - STMicroelectronics SD4933MR Datasheet HTML 13Page - STMicroelectronics SD4933MR Datasheet HTML 14Page - STMicroelectronics SD4933MR Datasheet HTML 15Page - STMicroelectronics SD4933MR Datasheet HTML 16Page - STMicroelectronics SD4933MR Datasheet HTML 17Page - STMicroelectronics SD4933MR Datasheet HTML 18Page - STMicroelectronics SD4933MR Datasheet HTML 19Page - STMicroelectronics SD4933MR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Marking, packing and shipping specifications
SD4933MR
16/20
DocID023664 Rev 2
8
Marking, packing and shipping specifications
Figure 15. Marking layout
Table 10. Packing and shipping specifications
Order code
Packaging
Pcs per
tray
Dry pack
humidity
VGS and GFS
code
Lot code
SD4933MR
Plastic tray
25
< 10 %
Not mixed
Not mixed
Table 11.
Marking specifications
Symbol
Description
X
VGS and GFS sort
CZ
Assembly plant
xxx
Last 3 digits of diffusion lot
VY
Diffusion plant
MAR
Country of origin
CZ
Test and finishing plant
y
Assembly year
yy
Assembly week
AM14751V1
AM14751V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com