Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4933MR Datasheet(PDF) 17 Page - STMicroelectronics

Part # SD4933MR
Description  50 V moisture resistant DMOS transistor for ISM applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933MR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SD4933MR Datasheet HTML 12Page - STMicroelectronics SD4933MR Datasheet HTML 13Page - STMicroelectronics SD4933MR Datasheet HTML 14Page - STMicroelectronics SD4933MR Datasheet HTML 15Page - STMicroelectronics SD4933MR Datasheet HTML 16Page - STMicroelectronics SD4933MR Datasheet HTML 17Page - STMicroelectronics SD4933MR Datasheet HTML 18Page - STMicroelectronics SD4933MR Datasheet HTML 19Page - STMicroelectronics SD4933MR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DocID023664 Rev 2
17/20
SD4933MR
Package mechanical data
20
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 12. M177MR mechanical data
Dim.
mm
Min.
Typ.
Max.
A5.72
5.97
B6.73
6.99
C
21.84
22.10
D
28.70
28.96
E
13.34
14.10
F0.08
0.18
G2.49
2.74
H3.81
4.32
I
7.87
J
27.43
28.45
K
15.88
16.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com