Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRTAG2K-D Datasheet(PDF) 13 Page - STMicroelectronics

Part # SRTAG2K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2K-D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SRTAG2K-D Datasheet HTML 9Page - STMicroelectronics SRTAG2K-D Datasheet HTML 10Page - STMicroelectronics SRTAG2K-D Datasheet HTML 11Page - STMicroelectronics SRTAG2K-D Datasheet HTML 12Page - STMicroelectronics SRTAG2K-D Datasheet HTML 13Page - STMicroelectronics SRTAG2K-D Datasheet HTML 14Page - STMicroelectronics SRTAG2K-D Datasheet HTML 15Page - STMicroelectronics SRTAG2K-D Datasheet HTML 16Page - STMicroelectronics SRTAG2K-D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
DocID025446 Rev 3
13/51
SRTAG2K-D
SRTAG2K-D memory management
3.1.4
System file layout
The system file specifies the configuration of the SRTAG2K-D. Table 6 lists the different
fields.
3.2
Read and write access rights to the memory
An NDEF file can be locked for read or write accesses. It is also protected by a 128-bit
password that the host shall present before accessing the NDEF file. There are two 128-bit
passwords, one for the read access and the other one for the write access.
An NDEF file can be permanently locked for read or write accesses. Thus, the host cannot
access the NDEF file.
Table 5. NDEF file layout
File offset
Byte 0
Byte 1
Byte 2
Byte 3
0x0000
NDEF message length
User data
User data
0x0004
User data
User data
User data
User data
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
0x00FF
...
...
...
User data
Table 6. Field list
File offset
Field name
Number of
bytes
Read access
Write access
Delivery
state (1)
1. The delivery state for all passwords = 0x00000000000000000000000000000000.
0x0000
Length system file
2
RF
-
0x0012
0x0002
ST reserved
1
RF
none
0x01
0x0003
ST reserved
1
RF
none
0x00
0x0004
RF Session field
1
RF
none
0x11
0x0005
ST reserved
1
RF
none
0x00
0x0006
ST reserved
1
RF
none
0x01
0x0007
NDEF File number
(RFU)
1
RF
none
0x00
0x0008
UID
7
RF
none
0x02D2 xx xx
xx xx xx (2)
2.
x values are defined by ST to insure UID unicity.
0x000F
Memory Size
2
RF
none
0x00FF
0x0011
Product Code
1
RF
none
0xD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com