Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRTAG2K-D Datasheet(PDF) 49 Page - STMicroelectronics

Part # SRTAG2K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2K-D Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SRTAG2K-D Datasheet HTML 43Page - STMicroelectronics SRTAG2K-D Datasheet HTML 44Page - STMicroelectronics SRTAG2K-D Datasheet HTML 45Page - STMicroelectronics SRTAG2K-D Datasheet HTML 46Page - STMicroelectronics SRTAG2K-D Datasheet HTML 47Page - STMicroelectronics SRTAG2K-D Datasheet HTML 48Page - STMicroelectronics SRTAG2K-D Datasheet HTML 49Page - STMicroelectronics SRTAG2K-D Datasheet HTML 50Page - STMicroelectronics SRTAG2K-D Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
DocID025446 Rev 3
49/51
SRTAG2K-D
Part numbering
13
Part numbering
Table 59. Ordering information scheme for packaged devices
Example:
SRTAG
2K
-D
MC
6
T
/2
Device type
SRTAG = Short range tag
Memory size
2K = memory size in Kbits
Device feature
D = digital output
Package
MC = UFDFPN8
SB12I = 120 µm ± 15 µm bumped and sawn
inkless wafer on 8-inch frame
Device grade
6 = industrial: device tested with standard
test flow over –40 to 85 °C
(No parameter for SB12I)
Option
T = Tape and reel packing
(No parameter for SB12I)
Capacitance
/2 = 25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com