Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRTAG2K-D Datasheet(PDF) 21 Page - STMicroelectronics

Part # SRTAG2K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2K-D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SRTAG2K-D Datasheet HTML 17Page - STMicroelectronics SRTAG2K-D Datasheet HTML 18Page - STMicroelectronics SRTAG2K-D Datasheet HTML 19Page - STMicroelectronics SRTAG2K-D Datasheet HTML 20Page - STMicroelectronics SRTAG2K-D Datasheet HTML 21Page - STMicroelectronics SRTAG2K-D Datasheet HTML 22Page - STMicroelectronics SRTAG2K-D Datasheet HTML 23Page - STMicroelectronics SRTAG2K-D Datasheet HTML 24Page - STMicroelectronics SRTAG2K-D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
DocID025446 Rev 3
21/51
SRTAG2K-D
RF command sets
5.2.2
R-APDU: payload format of a response
the SRTAG2K-D uses the I-Block format to reply to a command which used the I-Block
format. This format is described in Table 13.
5.3
R-Block format
The R-Block is used to convey positive or negative acknowledgment between the RF host
and the SRTAG2K-D.
There are two kinds of R-Blocks:
•
R(ACK): the acknowledgement block sent by the RF host or by the SRTAG2K-D
•
R(NAK): the non-acknowledgement block sent by the RF host or by the SRTAG2K-D
Table 13. R-APDU format
Name
Payload field
Data (optional)
SW1
SW2
Length
Le byte
1 byte
1 byte
Data
Status byte 1
Status byte 2
Table 14. R-Block format
PCB
CRC
R(ACK) without the DID field: 0xA2 or 0xA3
R(ACK) with the DID field: 0xAA or 0xAB
R(NAK) without the DID field: 0xB2 0xB3
R(NAK) with the DID field: 0xBA 0xBB
2 CRC bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com