Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRTAG2KL Datasheet(PDF) 11 Page - STMicroelectronics

Part # SRTAG2KL
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2KL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SRTAG2KL Datasheet HTML 7Page - STMicroelectronics SRTAG2KL Datasheet HTML 8Page - STMicroelectronics SRTAG2KL Datasheet HTML 9Page - STMicroelectronics SRTAG2KL Datasheet HTML 10Page - STMicroelectronics SRTAG2KL Datasheet HTML 11Page - STMicroelectronics SRTAG2KL Datasheet HTML 12Page - STMicroelectronics SRTAG2KL Datasheet HTML 13Page - STMicroelectronics SRTAG2KL Datasheet HTML 14Page - STMicroelectronics SRTAG2KL Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
DocID026583 Rev 2
11/51
SRTAG2KL
SRTAG2KL memory management
3
SRTAG2KL memory management
3.1
Memory structure
The SRTAG2KL supports the NDEF Tag Application as defined in the NFC Forum Type 4
Tag. The SRTAG2KL is composed of three files:
•
One Capability Container file
•
One NDEF file
•
One System file: this file is an ST-proprietary file
The System file contains some information on the configuration of the SRTAG2KL device.
The CC file gives some information about the SRTAG2KL itself and the NDEF file. The
NDEF file contains the User data.
3.1.1
File identifier
The file identifier is the value used in the Select command to select a file.
3.1.2
CC file layout
The CC file gives some information about the SRTAG2KL and the NDEF file. This file is a
read-only file for the RF host and cannot be modified by issuing a write command.
The T field, Read Access and Write Access fields can be changed by the RF host by issuing
a specific process (refer to Section 7: Functional procedures).
Table 3. File identifier
File identifier
Meaning
0xE101
System file
0xE103
CC file
0x0001
NDEF file
Table 4. CC file layout for 1 NDEF file
File offset
Meaning
Value
Comments
0x0000
Length CC file
0x000F
15 bytes
0x0002
Mapping version(1)
0x20 or 0x10
V 2.0 or V 1.0
0x0003
Maximum number of bytes that can be read
0x00FF
255 bytes
0x0005
Maximum number of bytes that can be written 0x0036
54 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com