Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRTAG2KL Datasheet(PDF) 47 Page - STMicroelectronics

Part # SRTAG2KL
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2KL Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SRTAG2KL Datasheet HTML 43Page - STMicroelectronics SRTAG2KL Datasheet HTML 44Page - STMicroelectronics SRTAG2KL Datasheet HTML 45Page - STMicroelectronics SRTAG2KL Datasheet HTML 46Page - STMicroelectronics SRTAG2KL Datasheet HTML 47Page - STMicroelectronics SRTAG2KL Datasheet HTML 48Page - STMicroelectronics SRTAG2KL Datasheet HTML 49Page - STMicroelectronics SRTAG2KL Datasheet HTML 50Page - STMicroelectronics SRTAG2KL Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
DocID026583 Rev 2
47/51
SRTAG2KL
Maximum rating
9
Maximum rating
Stressing the device above the rating listed in Table 55 may cause permanent damage to
the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect the device
reliability.
Table 55. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
-40
85
°C
TSTG, hSTG,
tSTG
Storage conditions
Sawn wafer on
UV tape
15
25
°C
6 (1)
1. Counted from ST shipment date.
months
kept in its original packing form
TSTG
Storage temperature
Sawn Bumped
Wafer
(kept in its
antistatic bag)
15
25
°C
Storage time
6
months
ICC (2)
2. Based on characterization, not tested in production. Maximum absorbed power = 100 mW @ 7.5 A/m
RF supply current AC0 - AC1
-
100
mA
VMAX_1 (2)
RF input voltage
amplitude between
AC0 and AC1, VSS
pad left floating
VAC0-VAC1
(Peak to Peak)
-10
V
VESD
Electrostatic discharge
voltage (human body
model) (3)
3. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114A, C1 = 100 pF, R1 = 1500
Ω, R2 = 500 Ω)
AC0-AC1
-
1000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com