Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA16K Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST25TA16K
Description  NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA16K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST25TA16K Datasheet HTML 9Page - STMicroelectronics ST25TA16K Datasheet HTML 10Page - STMicroelectronics ST25TA16K Datasheet HTML 11Page - STMicroelectronics ST25TA16K Datasheet HTML 12Page - STMicroelectronics ST25TA16K Datasheet HTML 13Page - STMicroelectronics ST25TA16K Datasheet HTML 14Page - STMicroelectronics ST25TA16K Datasheet HTML 15Page - STMicroelectronics ST25TA16K Datasheet HTML 16Page - STMicroelectronics ST25TA16K Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
DocID027786 Rev 1
13/45
ST25TA16K
ST25TA16K memory management
15
3.1.4
System file layout
The system file specifies the configuration of the ST25TA16K. Table 6 lists the different
fields.
3.2
Read and write access rights to the memory
An NDEF file can be locked for read or write accesses. It is also protected by a 128-bit
password that the host shall present before accessing the NDEF file. There are two 128-bit
passwords, one for the read access and the other one for the write access.
An NDEF file can be permanently locked for read or write accesses. Thus, the host cannot
access the NDEF file.
The read password shall be sent to the ST25TA16K device before reading a read-locked
NDEF file.
The write password shall be present on the ST25TA16K device before writing a write-locked
NDEF file. The write password shall be sent to change the read or write access. The read or
write access right is defined for the NDEF file.
3.2.1
State of the Read and Write access rights
Two bytes in the CC file are used to define the Read and Write access rights to the NDEF
file. For more details, refer to Section 3.1.2: CC file layout.
Table 6. Field list
File offset
Field name
Number
of bytes
Read
access
Write
access
Delivery state (1)
1. The delivery state for all passwords is 0x00000000000000000000000000000000.
0x0000
Length system file
2
RF
-
0x0012
0x0002
ST reserved
1
RF
none
0x01
0x0003
ST reserved
1
RF
none
0x00
0x0004
ST reserved
1
RF
none
0x11
0x0005
ST reserved
1
RF
none
0x00
0x0006
ST reserved
1
RF
none
0x01
0x0007
NDEF File number
(RFU)
1
RF
none
0x00
0x0008
UID
7
RF
none
0x02C5 xx xx xx xx xx(2)
2.
x values are defined by ST to insure UID unicity.
0x000F
Memory Size
2
RF
none
0x7FFF
0x0011
Product Code
1
RF
none
0xC5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com