Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA16K Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25TA16K
Description  NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA16K Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25TA16K Datasheet HTML 35Page - STMicroelectronics ST25TA16K Datasheet HTML 36Page - STMicroelectronics ST25TA16K Datasheet HTML 37Page - STMicroelectronics ST25TA16K Datasheet HTML 38Page - STMicroelectronics ST25TA16K Datasheet HTML 39Page - STMicroelectronics ST25TA16K Datasheet HTML 40Page - STMicroelectronics ST25TA16K Datasheet HTML 41Page - STMicroelectronics ST25TA16K Datasheet HTML 42Page - STMicroelectronics ST25TA16K Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
DocID027786 Rev 1
39/45
ST25TA16K
Functional procedures
42
7.5
Unlocking an NDEF file
The RF host executes this procedure to read an NDEF file which has been locked
previously.
1.
Select the NDEF Tag Application
2.
Select the NDEF file
3.
Verify the NDEF file Write password by using the Verify command
4.
Unlock the NDEF file by sending the Disable verification command.
7.6
Reaching the read-only state for an NDEF file
The RF host executes this procedure to read an NDEF file which has been locked
previously.
1.
Select the NDEF Tag Application
2.
Select the NDEF file
3.
Transmit the NDEF file Write password by using the Verify command
4.
Select the NDEF file
5.
Send an EnablePermanentState command as the Write access right of the previous
Select NDEF file.
7.7
Changing an NDEF password procedure
The RF host could use this procedure to change one NDEF password. it can be a Read or
Write password.
1.
Select the NDEF Tag Application
2.
Select the NDEF file
3.
Transmit the NDEF file Write password by using the Verify command
4.
Change the password by sending a ChangeReferenceData command.
7.8
Changing a File type Procedure
The RF host executes this procedure to change the File Type of a file for which all access
rights were previously granted.
1.
Select the NDEF Tag Application
2.
Select the File to be modified
3.
Set the File Length to 0x00 using the UpdateBinary command
4.
Send an UpdateFileType command with the New file Type as data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com