Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA16K Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25TA16K
Description  NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA16K Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25TA16K Datasheet HTML 17Page - STMicroelectronics ST25TA16K Datasheet HTML 18Page - STMicroelectronics ST25TA16K Datasheet HTML 19Page - STMicroelectronics ST25TA16K Datasheet HTML 20Page - STMicroelectronics ST25TA16K Datasheet HTML 21Page - STMicroelectronics ST25TA16K Datasheet HTML 22Page - STMicroelectronics ST25TA16K Datasheet HTML 23Page - STMicroelectronics ST25TA16K Datasheet HTML 24Page - STMicroelectronics ST25TA16K Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
DocID027786 Rev 1
21/45
ST25TA16K
RF command sets
42
5.4
S-Block format
The S-Block is used to exchange control information between a reader and a contactless
tag.
There are two requests using the S-Block format:
•
S(DES): the deselect command
•
S(WTX): the Waiting Frame eXtension command or response.
Note:
After receiving the deselect command, the session is released and ST25TA16K enters the
Standby power mode.
In response to a RATS command, ST25TA16K returns FWI parameter (default frame waiting
time used); when ST25TA16K needs more time for a command execution, it requests a
frame waiting time extension by responding 0xF2 0xWTX (Request waiting time = FWI *
WTX). If the reader accepts ST25TA16K request, it acknowledges by sending the command
0xF2 0xWTX. The frame waiting time becomes FWI * WTX for the current command only.
Table 16. S-Block format
NFC frame
SoD
EoD
PCB
DID
Payload
CRC
Length
1 byte
1 byte
1 to 255 bytes
2 bytes
0xC2: for S(DES) when the DID field is not present
0xCA: for S(DES) when the DID field is present
0xF2: for S(WTX) when the DID field is not present
0xFA: for S(WTX) when the DID field is present
DID field (optional)
WTX field (1)
2 CRC bytes
1. This field is present when b5-b4 bits are set to 0b11 (S-Block is a WTX). see Table 17: S-Block detailed format.
Table 17. S-Block detailed format
b7-b6
b5-b4
b3
b2
b1
b0
0b11
X
X
0
1
0
S-Block
0b00: Deselect
0b11: WTX
0: DID field is not present
1: DID field is present
-
RFU
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com