Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2149BQTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST2149BQTR
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2149BQTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST2149BQTR Datasheet HTML 11Page - STMicroelectronics ST2149BQTR Datasheet HTML 12Page - STMicroelectronics ST2149BQTR Datasheet HTML 13Page - STMicroelectronics ST2149BQTR Datasheet HTML 14Page - STMicroelectronics ST2149BQTR Datasheet HTML 15Page - STMicroelectronics ST2149BQTR Datasheet HTML 16Page - STMicroelectronics ST2149BQTR Datasheet HTML 17Page - STMicroelectronics ST2149BQTR Datasheet HTML 18Page - STMicroelectronics ST2149BQTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ST2149B
Electrical characteristics
Doc ID 023310 Rev 1
15/23
Table 9.
AC characteristics - test conditions: VL = 3.0 - 3.6 V
Symbol
Parameter
VCC = VL-3.6 V
VCC = 4.5-5.5 V
Unit
Min.
Max.
Min.
Max.
tRVcc
Rise time I/OVcc
-
2.1
-
1.7
ns
tFVcc
Fall time I/OVcc
-
1.3
-
1.3
ns
tRVL
Rise time I/OVL
-
1.6
-
1.5
ns
tFVL
Fall time I/OVL
-
1.1
-
1.1
ns
tI/OVL-Vcc
Propagation delay time
I/OVL-LH to I/OVcc-LH
tPLH
-
4.1
-
4.1
ns
I/OVL-HL to I/OVcc-HL
tPHL
-
2.9
-
2.6
ns
tI/OVcc-VL
Propagation delay time
I/OVcc-LH to I/OVL-LH
tPLH
-
4.0
-
4.0
ns
I/OVcc-HL to I/OVL-HL
tPHL
-
2.6
-
2.5
ns
tPZL
Output enable time tPZL
-15
-
15
ns
tPZH
Output enable time tPZH
-70
-
15
ns
tPLZ
Output disable time tPLZ
-70
-
70
ns
tPHZ
Output disable time tPHZ
-50
-
50
ns
DR
Data rate(1)
144
-
186
-
Mbps
1.
Data rate is guaranteed based on the condition that output I/O signal rise/fall time is less than 15% of period of input I/O
signal; input I/O signal is at 50% duty cycle and output I/O signal duty cycle deviation is less than 50% ± 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com