Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2149BQTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST2149BQTR
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2149BQTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST2149BQTR Datasheet HTML 15Page - STMicroelectronics ST2149BQTR Datasheet HTML 16Page - STMicroelectronics ST2149BQTR Datasheet HTML 17Page - STMicroelectronics ST2149BQTR Datasheet HTML 18Page - STMicroelectronics ST2149BQTR Datasheet HTML 19Page - STMicroelectronics ST2149BQTR Datasheet HTML 20Page - STMicroelectronics ST2149BQTR Datasheet HTML 21Page - STMicroelectronics ST2149BQTR Datasheet HTML 22Page - STMicroelectronics ST2149BQTR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Package mechanical data
ST2149B
20/23
Doc ID 023310 Rev 1
Figure 9.
Carrier tape for QFN12 (1.7 x 2.0 mm) - 0.40 mm pitch
1.
Measured from centerline of sprocket hole to centerline of pocket.
2.
Cumulative tolerance of sprocket holes is ± 0.20.
3.
Measured from centerline of sprocket hole to centerline of pocket.
4.
Other material available.
5.
All dimensions are in millimeters unless otherwise stated.
Table 13.
Carrier tape dimensions
Symbol
Dimensions
A0
1.80 ± 0.05
B0
2.25 ± 0.05
K0
0.60 ± 0.05
F
3.50 ± 0.05
P1
4.00 ± 0.1
D1
1.00 min.
T
0.25 ± 0.03
G
0.75 min.
E2
6.25 min.
W
8.00 + 0.3 / -0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com