Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2149BQTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST2149BQTR
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2149BQTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST2149BQTR Datasheet HTML 13Page - STMicroelectronics ST2149BQTR Datasheet HTML 14Page - STMicroelectronics ST2149BQTR Datasheet HTML 15Page - STMicroelectronics ST2149BQTR Datasheet HTML 16Page - STMicroelectronics ST2149BQTR Datasheet HTML 17Page - STMicroelectronics ST2149BQTR Datasheet HTML 18Page - STMicroelectronics ST2149BQTR Datasheet HTML 19Page - STMicroelectronics ST2149BQTR Datasheet HTML 20Page - STMicroelectronics ST2149BQTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ST2149B
Test circuit
Doc ID 023310 Rev 1
17/23
Figure 6.
Waveform - propagation delay (f = 1 MHz, 50% duty cycle)
Figure 7.
Waveform - output enable and disable time (f = 1 MHz, 50% duty cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com