Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP16DPPS05 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STAP16DPPS05
Description  Low voltage 16-bit constant current LED sink driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPPS05 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STAP16DPPS05 Datasheet HTML 13Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 14Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 15Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 16Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 17Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 18Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 19Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 20Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DocID024306 Rev 6
17/33
STAP16DPPS05
Typical characteristics
33
Conditions:
–
temperature = 25 °C, VDD = 3.3 V; 5.0 V, ISET = 3 mA; 5 mA; 10 mA; 20 mA; 50
mA; 60 mA.
Figure 12. ISET vs. dropout voltage (Vdrop)
Table 12. ISET vs. dropout voltage (Vdrop)
Iout (mA)
Avg (mV) @ 3.3 V
Avg (mV)@ 5.0 V
336
37
571
72
10
163
163
20
346
347
40
724
726
60
1080
1110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com