Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP16DPPS05 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STAP16DPPS05
Description  Low voltage 16-bit constant current LED sink driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPPS05 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STAP16DPPS05 Datasheet HTML 17Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 18Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 19Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 20Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 21Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 22Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 23Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 24Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID024306 Rev 6
21/33
STAP16DPPS05
Error detection mode functionality
33
7.2
Phase two: error detection
The 16 data bits must be set to “1” in order to set ON all the outputs during detection. The
data are latched by LE/DM1 and after that the outputs are ready for the detection process.
When the microcontroller switches the OE/DM2 to LOW, the device drives the LEDs in order
to analyze if an OPEN or SHORT condition has occurred.
The LED status is detected in 1 microsecond (minimum) and after this time the
microcontroller sets OE/DM2 in HIGH state and the output data detection results go to the
microprocessor via SDO.
Detection mode and normal mode both use the same data format. As soon as all the
detection data bits are available on the serial line, the device may go back to normal mode
of operation. To re-detect the status, the device must go back in normal mode and re-enter
error detection mode.
Figure 19. Detection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com