Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP16DPPS05 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STAP16DPPS05
Description  Low voltage 16-bit constant current LED sink driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPPS05 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STAP16DPPS05 Datasheet HTML 25Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 26Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 27Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 28Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 29Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 30Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 31Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 32Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Revision history
STAP16DPPS05
32/33
DocID024306 Rev 6
9
Revision history
Table 18. Document revision history
Date
Revision
Changes
21-May-2013
1
Initial release.
01-Jul-2013
2
Added footnote in Table 8: Switching characteristics.
11-Oct-2013
3
Modified TOPR value in Table 4: Absolute maximum ratings.
10-Mar-2014
4
Modified footnote 1 in Table 8: Switching characteristics.
Added footnote 2 in Table 8: Switching characteristics.
Updated Table 1: Pin connections and Table 3: Pin description.
05-Jun-2014
5
Updated Table 16: TSSOP24 exposed pad mechanical data.
Minor text changes.
10-Nov-2015
6
Updated features in cover page.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com