Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C508 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 28Page - Infineon Technologies AG C508 Datasheet HTML 29Page - Infineon Technologies AG C508 Datasheet HTML 30Page - Infineon Technologies AG C508 Datasheet HTML 31Page - Infineon Technologies AG C508 Datasheet HTML 32Page - Infineon Technologies AG C508 Datasheet HTML 33Page - Infineon Technologies AG C508 Datasheet HTML 34Page - Infineon Technologies AG C508 Datasheet HTML 35Page - Infineon Technologies AG C508 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
C508
Data Sheet
28
2000-08
Timer/Counter 2 with Additional Compare/Capture/Reload
Timer 2 with additional compare/capture/reload features is one of the most powerful
peripheral units of the C508. It can be used for all kinds of digital signal generation and
event capturing like pulse generation, pulse width modulation, pulse width measuring
etc. Timer 2 is designed to support various automotive control applications as well as
industrial applications (frequency generation, digital-to-analog conversion, process
control etc.).
The C508 Timer 2 in combination with the compare/capture/reload registers allows the
following operating modes:
– Compare:
up to 4 PWM output signals with 65535 steps at maximum, and 300 ns
resolution
– Capture:
up to 4 high speed capture inputs with 300 ns resolution
– Reload:
modulation of timer 2 cycle time
The block diagram in Figure 11 shows the general configuration of Timer 2 with the
additional compare/capture/reload registers. The I/O pins which can be used for Timer 2
control are located as multifunctional port functions at Port 5.
Figure 11
Timer 2 Block Diagram
MCB04054
16-Bit
Comparator
T2CCL3/
T2CCH3
Input/
Output
Control
P5.0/
T2CC0/
INT3
16-Bit
Comparator
T2CCL2/
T2CCH2
16-Bit
Comparator
T2CCL1/
T2CCH1
16-Bit
Comparator
CRCL/
CRCH
Capture
Timer 2
TL2
TH2
Compare
TF2
Reload
Interrupt
Request
Reload
÷ 3
÷ 6
OSC
T2I0 = '1' and
T2I1 = '0'
T2PS
P5.1/
T2CC1/
INT4
P5.2/
T2CC2/
INT5
P5.3/
T2CC3/
INT6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com