Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C508 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 9Page - Infineon Technologies AG C508 Datasheet HTML 10Page - Infineon Technologies AG C508 Datasheet HTML 11Page - Infineon Technologies AG C508 Datasheet HTML 12Page - Infineon Technologies AG C508 Datasheet HTML 13Page - Infineon Technologies AG C508 Datasheet HTML 14Page - Infineon Technologies AG C508 Datasheet HTML 15Page - Infineon Technologies AG C508 Datasheet HTML 16Page - Infineon Technologies AG C508 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
C508
Data Sheet
9
2000-08
P4.0-
P4.7
5 - 12
13 - 20
I
Port 4
is an 8-bit uni-directional input port to the A/D
converter. Port pins can be used for digital
input, if voltage levels simultaneously meet the
specifications for high/low input voltages and
for the eight multiplexed analog inputs.
PSEN
46
54
O
The Program Strobe Enable
output is a control signal that enables the
external program memory to the bus during
external fetch operations. It is activated every
one and a half oscillator periods except during
external data memory accesses. Remains high
during internal program execution. This pin
should not be driven during reset operation.
ALE
45
53
O
The Address Latch Enable
output is used for latching the low-byte of the
address into external memory during normal
operation. It is activated every one and a half
oscillator periods except during an external
data memory access. When instructions are
executed from internal ROM (EA = 1) the ALE
generation can be disabled by bit EALE in SFR
SYSCON. This pin should not be driven during
reset operation.
EA
210
I
External Access Enable
When held at high level, instructions are
fetched from the internal ROM when the PC is
less than 8000H. When held at low level, the
C508 fetches all instructions from external
program memory. This pin should not be driven
during reset operation.
Table 1
Pin Defintions and Functions (cont’d)
Sym-
bol
Pin Numbers
I/O1) Function
P-MQFP-64 P-SDIP-64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com