Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C508 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 35Page - Infineon Technologies AG C508 Datasheet HTML 36Page - Infineon Technologies AG C508 Datasheet HTML 37Page - Infineon Technologies AG C508 Datasheet HTML 38Page - Infineon Technologies AG C508 Datasheet HTML 39Page - Infineon Technologies AG C508 Datasheet HTML 40Page - Infineon Technologies AG C508 Datasheet HTML 41Page - Infineon Technologies AG C508 Datasheet HTML 42Page - Infineon Technologies AG C508 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
C508
Data Sheet
35
2000-08
Further, the initial logic output level of the CAPCOM channel outputs can be selected in
compare mode. This allows waveforms to be generated with inverting signal polarities.
The compare unit COMP is a 10-bit compare unit which can be used to generate a pulse
width modulated signal. This PWM output signal drives the output pin COUT3. In burst
mode and in the PWM modes the output of the COMP unit can be switched to the
COUTx outputs.
The block commutation control logic allows to generate versatile multi-channel PWM
output signals. In one of these modes, the block commutation mode, signal transitions
at the three external interrupt inputs are used to trigger the PWM signal generation logic.
Depending on these signal transitions, the six I/O lines of the CAPCOM unit, which are
decoupled in block commutation mode from the three capture/compare channels, are
driven as static or PWM modulated outputs. CAPCOM channel 0 can be used in block
commutation mode for a capture operation (speed measurement) which is triggered by
each transition at the external interrupt inputs.
Further, the multi-channel PWM mode signal generation can be also triggered by the
period of Compare Timer 1. These operating modes are referenced as multi-channel
PWM modes.
Using the CTRAP input signal of the C508, the compare outputs can be put immediately
into their state as defined in COTRAP register.
The CCU unit has four main interrupt sources with their specific interrupt vectors.
Interrupts can be generated at the Compare Timer 1 period match or count-change
events, at the Compare Timer 2 period match event, at a CAPCOM compare match or
capture event, and at a CAPCOM emergency event. An emergency event occurs if an
active CTRAP signal is detected or if an error condition in block commutation mode is
detected. All interrupt sources can be enabled/disabled individually.
Table 6
Resolution and Period of the Compare Timer 1 (at
fOSC = 10 MHz)
Compare
Timer 1
Input
Clock
Operating Mode 0
Operating Mode 1
Resolution
Period
Resolution
Period
2
fOSC
fOSC
fOSC / 2
fOSC / 4
fOSC / 8
fOSC / 16
fOSC / 32
fOSC / 64
50 ns
100 ns
200 ns
400 ns
800 ns
1.6
µs
3.2
µs
6.4
µs
100 ns - 3.28 ms
200 ns - 6.55 ms
400 ns - 13.11 ms
800 ns - 26.21 ms
1.6
µs - 52.43 ms
3.2
µs - 104.86 ms
6.4
µs - 209.72 ms
12.8
µs - 419.43 ms
50 ns
100 ns
200 ns
400 ns
800 ns
1.6
µs
3.2
µs
6.4
µs
200 ns - 6.55 ms
400 ns - 13.11 ms
800 ns - 26.21 ms
1.6
µs - 52.43 ms
3.2
µs - 104.86 ms
6.4
µs - 209.71 ms
12.8
µs - 419.42 ms
25.6
µs - 838.85 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com