Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC164SL Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # SAFC164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC164SL Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button SAFC164SL Datasheet HTML 28Page - Infineon Technologies AG SAFC164SL Datasheet HTML 29Page - Infineon Technologies AG SAFC164SL Datasheet HTML 30Page - Infineon Technologies AG SAFC164SL Datasheet HTML 31Page - Infineon Technologies AG SAFC164SL Datasheet HTML 32Page - Infineon Technologies AG SAFC164SL Datasheet HTML 33Page - Infineon Technologies AG SAFC164SL Datasheet HTML 34Page - Infineon Technologies AG SAFC164SL Datasheet HTML 35Page - Infineon Technologies AG SAFC164SL Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
28
V2.0, 2001-05
Parallel Ports
The C164CI provides up to 59 I/O lines which are organized into five input/output ports
and one input port. All port lines are bit-addressable, and all input/output lines are
individually (bit-wise) programmable as inputs or outputs via direction registers. The I/O
ports are true bidirectional ports which are switched to high impedance state when
configured as inputs. The output drivers of three I/O ports can be configured (pin by pin)
for push/pull operation or open-drain operation via control registers. During the internal
reset, all port pins are configured as inputs.
The input threshold of Port 3, Port 4, and Port 8 is selectable (TTL or CMOS like), where
the special CMOS like input threshold reduces noise sensitivity due to the input
hysteresis. The input threshold may be selected individually for each byte of the
respective ports.
All port lines have programmable alternate input or output functions associated with
them. All port lines that are not used for these alternate functions may be used as general
purpose IO lines.
PORT0 and PORT1 may be used as address and data lines when accessing external
memory, while Port 4 outputs the additional segment address bits A21/19/17 … A16 and
the optional chip select signals in systems where segmentation is enabled to access
more than 64 KBytes of memory.
Ports P1L, P1H, and P8 are associated with the capture inputs or compare outputs of
the CAPCOM units and/or serve as external interrupt inputs.
Port 3 includes alternate functions of timers, serial interfaces, the optional bus control
signal BHE/WRH, and the system clock output CLKOUT (or the programmable
frequency output FOUT).
Port 5 is used for the analog input channels to the A/D converter or timer control signals.
The edge characteristics (transition time) and driver characteristics (output current) of
the C164CI’s port drivers can be selected via the Port Output Control registers
(POCONx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com