Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC164SL Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # SAFC164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC164SL Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button SAFC164SL Datasheet HTML 42Page - Infineon Technologies AG SAFC164SL Datasheet HTML 43Page - Infineon Technologies AG SAFC164SL Datasheet HTML 44Page - Infineon Technologies AG SAFC164SL Datasheet HTML 45Page - Infineon Technologies AG SAFC164SL Datasheet HTML 46Page - Infineon Technologies AG SAFC164SL Datasheet HTML 47Page - Infineon Technologies AG SAFC164SL Datasheet HTML 48Page - Infineon Technologies AG SAFC164SL Datasheet HTML 49Page - Infineon Technologies AG SAFC164SL Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
42
V2.0, 2001-05
Operating Conditions
The following operating conditions must not be exceeded in order to ensure correct
operation of the C164CI. All parameters specified in the following sections refer to these
operating conditions, unless otherwise noticed.
Table 9
Operating Condition Parameters
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Digital supply voltage
VDD
4.75
5.5
V
Active mode,
fCPUmax = 25 MHz
2.51)
1) Output voltages and output currents will be reduced when V
DD leaves the range defined for active mode.
5.5
V
PowerDown mode
Digital ground voltage
VSS
0
V
Reference voltage
Overload current
IOV
–
±5
mA
Per pin2)3)
2) Overload conditions occur if the standard operatings conditions are exceeded, i.e. the voltage on any pin
exceeds the specified range (i.e.
VOV > VDD + 0.5 V or VOV < VSS - 0.5 V). The absolute sum of input overload
currents on all pins may not exceed 50 mA. The supply voltage must remain within the specified limits.
Proper operation is not guaranteed if overload conditions occur on functional pins line XTAL1, RD, WR, etc.
3) Not 100% tested, guaranteed by design and characterization.
Absolute sum of overload
currents
Σ|IOV|
–
50
mA
3)
External Load
Capacitance
CL
–
100
pF
Pin drivers in
default mode4)5)
4) The timing is valid for pin drivers operating in default current mode (selected after reset). Reducing the output
current may lead to increased delays or reduced driving capability (
CL).
5) The current ROM-version of the C164CI is equipped with port drivers, which provide reduced driving capability
and reduced control. Please refer to the actual errata sheet for details.
Ambient temperature
TA
070
°C
SAB-C164CI …
-40
85
°C
SAF-C164CI …
-40
125
°C
SAK-C164CI …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com