Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC164SL Datasheet(PDF) 47 Page - Infineon Technologies AG

Part # SAFC164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC164SL Datasheet(HTML) 47 Page - Infineon Technologies AG

Back Button SAFC164SL Datasheet HTML 43Page - Infineon Technologies AG SAFC164SL Datasheet HTML 44Page - Infineon Technologies AG SAFC164SL Datasheet HTML 45Page - Infineon Technologies AG SAFC164SL Datasheet HTML 46Page - Infineon Technologies AG SAFC164SL Datasheet HTML 47Page - Infineon Technologies AG SAFC164SL Datasheet HTML 48Page - Infineon Technologies AG SAFC164SL Datasheet HTML 49Page - Infineon Technologies AG SAFC164SL Datasheet HTML 50Page - Infineon Technologies AG SAFC164SL Datasheet HTML 51Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
43
V2.0, 2001-05
Parameter Interpretation
The parameters listed in the following partly represent the characteristics of the C164CI
and partly its demands on the system. To aid in interpreting the parameters right, when
evaluating them for a design, they are marked in column “Symbol”:
CC (Controller Characteristics):
The logic of the C164CI will provide signals with the respective characteristics.
SR (System Requirement):
The external system must provide signals with the respective characteristics to the
C164CI.
DC Characteristics
(Operating Conditions apply)1)
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
max.
Input low voltage (TTL,
all except XTAL1)
VIL
SR -0.5
0.2
VDD
- 0.1
V
–
Input low voltage XTAL1
VIL2 SR -0.5
0.3
VDD V
–
Input low voltage
(Special Threshold)
VILS SR -0.5
2.0
V
–
Input high voltage (TTL,
all except RSTIN, XTAL1)
VIH
SR 0.2
VDD
+ 0.9
VDD +
0.5
V
–
Input high voltage RSTIN
(when operated as input)
VIH1 SR 0.6 VDD VDD +
0.5
V
–
Input high voltage XTAL1
VIH2 SR 0.7 VDD VDD +
0.5
V
–
Input high voltage
(Special Threshold)
VIHS SR 0.8 VDD
- 0.2
VDD +
0.5
V
–
Input Hysteresis
(Special Threshold)
HYS
400
–
mV
Series resistance
= 0
Ω
Output low voltage2)
VOL CC –
1.0
V
IOL ≤ IOLmax
3)
–
0.45
V
IOL ≤ IOLnom
3)4)
Output high voltage5)
VOH CC VDD -
1.0
–
V
IOH ≥ IOHmax
3)
VDD -
0.45
–
V
IOH ≥ IOHnom
3)4)
Input leakage current (Port 5)
IOZ1 CC –
±200
nA
0 V <
VIN < VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com