Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRWADE030 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRWADE030
Description  3.7mm Square Low-profile (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRWADE030 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRWADE030 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRWADE030 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRWADE030 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
209
209
検
 
出
Low-profile and compact size of 3.7×3.7×0.35mm
3.7mm Square Low-profile (Surface Mount Type)
SKRW
10,000
Japan
Export
ø0.7 knob
operation range
3.7
3.07
2
1
4
3
■ Product Line
Operating force
Operating life
(5mA 5V DC)
1.57N
Product No.
SKRWAEE030
500,000 cycles
Operating direction
Top push
2.35N
SKRWADE030
50,000 cycles
PC board land dimensions
(Viewed from switch mounting face)
Style
2.5
3.7
Dimensions
Unit:mm
Circuit Diagram
13
24
Taping
Packing Specifications
Reel size
Unit:mm
10,000
Minimum order unit(pcs.)
■ Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
100mΩ max.
Travel(mm)
0.15
Refer to P.259 for soldering conditions.
For reels of 330mm diameter, please inquire.
Note
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
10,000
100,000
100,000
12
401×401×214


Similar Part No. - SKRWADE030

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRWADE030 ALPS-SKRWADE030 Datasheet
196Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
More results

Similar Description - SKRWADE030

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECP2SM ECLIPTEK-ECP2SM Datasheet
434Kb / 2P
3.7mm x 12.5mm Plastic Surface Mount Crystal
logo
ALPS ELECTRIC CO.,LTD.
SKQG ALPS-SKQG Datasheet
241Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKQR ALPS-SKQR Datasheet
180Kb / 3P
0.5mm Height Low-profile (Surface Mount Type)
SKRB ALPS-SKRB Datasheet
196Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRN ALPS-SKRN Datasheet
170Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKRW ALPS-SKRW Datasheet
196Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
logo
TOKO, Inc
DEM3512C TOKO-DEM3512C Datasheet
110Kb / 2P
Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
logo
ALPS ELECTRIC CO.,LTD.
SKQG ALPS-SKQG_15 Datasheet
861Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKRN ALPS-SKRN_15 Datasheet
681Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKSH ALPS-SKSH Datasheet
779Kb / 3P
Low-profile (Surface Mount Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com