Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKSW Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKSW
Description  Compact type with height of 0.6mm contributing to thinner product designs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSW Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKSW Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKSW Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKSW Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
189
189
 
Type
Sharp Feeling Type
Surface Mount
Series
SKSD
SKRN
SKSV
SKSW
SKSF
SKSM
SKSG
SKRK
Photo
Features
Double action
Compact size
Low-profile
High operation force
Compact size
Compact size
Low-profile
Water-proof
Dust-proof
IP standard
67 equivalency 67 equivalency
Operating
direction
Top push
Side push
Dimensions
(mm)
W
4.1
□6
2.8
3
2.8
3.4
3
3.9
D
3.9
1.9
2
2.4
2.9
2.7
2.9
H
0.6
0.9
0.55
0.6
0.65
0.7
1.4
1.5/2
Operation
force
coverage
to 1N
See the relevant pages
for respective product
descriptions
1N to 2N
2N to 3N
3N to 4N
4N to 5N
Travel(mm)
See the relevant pages for
respective product descriptions
0.12
0.13
0.1
0.12
0.13
Ground terminal
Operating temperature range
−40℃ to +90℃
−30℃ to +85℃
−40℃ to +85℃
Automotive use
Life Cycle
Electrical
performance
Rating(max.)
(Resistive load)
50mA 12V DC
Rating(min.)
(Resistive load)
10μA 1V DC
Insulation resistance
100MΩ min. 100V DC 1min.
50MΩ min.
100V DC 1min.
100MΩ min. 100V DC 1min.
Voltage proof
100V AC 1min. 250V AC 1min.
100V AC 1min.
250V AC 1min.
Durability
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Lifetime
Shall be in accordance with individual specifications.
Environmental
performance
Cold
−40℃ 96h
Dry heat
90℃ 96h
Damp heat
60℃, 90 to 95%RH 96h
Page
217
218
219
220
221
222
223
225
TACT SwitchTM Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 259
TACT SwitchTM Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 260
Notes
1. The automotive operating temperature range to be individually discussed upon request.
2. Indicates applicability to all products in the series, while indicates applicability to some products in the series.
W:Width. The most outer dimension excluding terminal portion.
D:Depth. The most outer dimension excluding terminal portion.
H:Height. The minimum dimension if there are variances.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com