Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKSW Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKSW
Description  Compact type with height of 0.6mm contributing to thinner product designs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSW Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKSW Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKSW Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKSW Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
220
220
Compact type with height of 0.6mm contributing to
thinner product designs
3 × 2mm Compact Type with Projection (Surface Mount Type)
SKSW
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
20,000
200,000
200,000
12
401×401×214
Circuit Arrangement
Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
500mΩ max.
Travel(mm)
0.13
Protective structure ※
IP67 equivalent
20,000
Japan
Export
Operating force
Operating life
(5mA 5V DC)
Product No.
Product Line
Operating direction
Top push
1.8N
2.4N
3.3N
SKSWCEE010
SKSWCFE010
SKSWCGE010
300,000 cycles
500,000 cycles
300,000 cycles
Dimensions
Unit:mm
PC board mounting hole and land dimensions
(Viewed from switch mounting face)
Style
Packing Specifications
Taping
Reel size
Unit:mm
20,000
Minimum order unit(pcs.)
ø380
13.5
Refer to P.259 for soldering conditions.
For reels of 330mm diameter, please inquire.
Note
※ Assumes the switch is left alone without being operated. Under the
specified conditions, dust and water ingress with a significant impact on
the switch's on-off function is prevented.
IP67 dust and water resistance is guaranteed for the switch alone and
performance may not be guaranteed depending on the mounting conditions
and usage.
2.7
3.8
3
3.5
1
2
Ø0.85
3.5
3


Similar Part No. - SKSW

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKSW ALPS-SKSW Datasheet
354Kb / 3P
1.6mm width contributes to thinner devices
SKSWD ALPS-SKSWD Datasheet
200Kb / 1P
TACT Switch Compact Water proof Type
More results

Similar Description - SKSW

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRR ALPS-SKRR Datasheet
192Kb / 3P
0.6mm Height Low-profile with Long-life (Surface Mount Type)
logo
Omron Electronics LLC
S8VM OMRON-S8VM_13 Datasheet
6Mb / 38P
Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
logo
ALPS ELECTRIC CO.,LTD.
PTMBL1A ALPS-PTMBL1A Datasheet
565Kb / 2P
Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1B ALPS-PTMBL1B Datasheet
519Kb / 2P
Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1E ALPS-PTMBL1E Datasheet
556Kb / 2P
Contributing to set design flexibility with compact and lightweight mechanisms.
SKRR ALPS-SKRR_15 Datasheet
728Kb / 3P
0.6mm Height Low-profile with Long-life (Surface Mount Type)
SKSV ALPS-SKSV Datasheet
837Kb / 3P
Width of 1.9mm contributes to thinner product designs and greater mounting efficiency
SKTC ALPS-SKTC Datasheet
784Kb / 3P
Compact, double action type with width of 2.2mm
SSAJ ALPS-SSAJ Datasheet
928Kb / 4P
Compact type with 0.7mm body height
SKTA ALPS-SKTA Datasheet
354Kb / 3P
1.6mm width contributes to thinner devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com