Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKSW Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

Part # SKSW
Description  Compact type with height of 0.6mm contributing to thinner product designs
File Size   774.11 Kbytes
Html View  1   2   3 
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSW Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.



Similar Part No. - SKSW

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKSW ALPS-SKSW Datasheet
354Kb / 3P
1.6mm width contributes to thinner devices
SKSWD ALPS-SKSWD Datasheet
200Kb / 1P
TACT Switch Compact Water proof Type
More results


Similar Description - SKSW

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRR ALPS-SKRR Datasheet
192Kb / 3P
0.6mm Height Low-profile with Long-life (Surface Mount Type)
logo
Omron Electronics LLC
S8VM OMRON-S8VM_13 Datasheet
6Mb / 38P
Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
logo
ALPS ELECTRIC CO.,LTD.
PTMBL1A ALPS-PTMBL1A Datasheet
565Kb / 2P
Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1B ALPS-PTMBL1B Datasheet
519Kb / 2P
Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1E ALPS-PTMBL1E Datasheet
556Kb / 2P
Contributing to set design flexibility with compact and lightweight mechanisms.
SKRR ALPS-SKRR_15 Datasheet
728Kb / 3P
0.6mm Height Low-profile with Long-life (Surface Mount Type)
SKSV ALPS-SKSV Datasheet
837Kb / 3P
Width of 1.9mm contributes to thinner product designs and greater mounting efficiency
SKTC ALPS-SKTC Datasheet
784Kb / 3P
Compact, double action type with width of 2.2mm
SSAJ ALPS-SSAJ Datasheet
928Kb / 4P
Compact type with 0.7mm body height
SKTA ALPS-SKTA Datasheet
354Kb / 3P
1.6mm width contributes to thinner devices
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com