Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CFDW Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDW
Description  High-Speed, Quad-Channel Digital Isolators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CFDW Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7240CFDW Datasheet HTML 14Page - Texas Instruments ISO7240CFDW Datasheet HTML 15Page - Texas Instruments ISO7240CFDW Datasheet HTML 16Page - Texas Instruments ISO7240CFDW Datasheet HTML 17Page - Texas Instruments ISO7240CFDW Datasheet HTML 18Page - Texas Instruments ISO7240CFDW Datasheet HTML 19Page - Texas Instruments ISO7240CFDW Datasheet HTML 20Page - Texas Instruments ISO7240CFDW Datasheet HTML 21Page - Texas Instruments ISO7240CFDW Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
-40
-25
-10
5
20
35
50
65
80
95
110
125
T - Free-Air Temperature -
C
A
°
5 V V
th+
3.3 V V
th+
5 V V
th-
3.3 V V
th-
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-40
-25
-10
5
20
35
50
65
80
95
110
125
T - Free-Air Temperature - C
A
°
V
Rising
CC
V
Falling
CC
0
5
10
15
20
25
30
35
40
45
-40
-25
-10
5
20
35
50
65
80
95
110
125
T - Free-Air Temperature - C
A
°
3.3-V
, t
(
pHL
t
C-grade)
pLH
3.3-V
, t
(
pHL
t
M-grade)
pLH
5-V
, t
(
pHL
t
C-grade)
pLH
5-V
, t
pHL
t
(M-grade)
pLH
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
150
Signaling Rate - Mbps
5-V I
CC1,ICC2
3.3-V I
CC1,ICC2
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
150
Signaling Rate - Mbps
5-V I
CC2
3.3-V I
CC2
3.3-V I
CC1
5-V I
CC1
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
Signaling Rate - Mbps
40
45
5-V I
CC2
3.3-V I
CC2
3.3-V I
CC1
5-V I
CC1
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
7.13 Typical Characteristics
TA = 25°C
Load = 15 pF
All Channels
TA = 25°C
Load = 15 pF
All Channels
Figure 1. ISO7240C/M RMS Supply Current vs Signaling
Figure 2. ISO7241C/M RMS Supply Current vs Signaling
Rate
Rate
TA = 25°C
Load = 15 pF
All Channels
TA = 25°C
Load = 15 pF
All Channels
Figure 3. ISO7242C/M RMS Supply Current vs Signaling
Figure 4. Propagation Delay vs Free-Air Temperature
Rate
Air Flow at 7 cf/m
Low_K Board
Figure 6. VCC Undervoltage Threshold vs Free-Air
Figure 5. Input Voltage Threshold vs Free-Air Temperature
Temperature
18
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com