Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CFDW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDW
Description  High-Speed, Quad-Channel Digital Isolators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CFDW Datasheet(HTML) 3 Page - Texas Instruments

  ISO7240CFDW Datasheet HTML 1Page - Texas Instruments ISO7240CFDW Datasheet HTML 2Page - Texas Instruments ISO7240CFDW Datasheet HTML 3Page - Texas Instruments ISO7240CFDW Datasheet HTML 4Page - Texas Instruments ISO7240CFDW Datasheet HTML 5Page - Texas Instruments ISO7240CFDW Datasheet HTML 6Page - Texas Instruments ISO7240CFDW Datasheet HTML 7Page - Texas Instruments ISO7240CFDW Datasheet HTML 8Page - Texas Instruments ISO7240CFDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
www.ti.com
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
Revision History (continued)
10):2006-1 Insulation Characteristics
(1) ............................................................................................................................... 23
•
Changed RS Test Conditions From: VIO = 500 V at TS To: VIO = 500 V at TS = 150°C in the DIN V VDE V 0884-10
(VDE V 0884-10):2006-1 Insulation Characteristics
(6) table................................................................................................. 23
•
Changed the CTI Test Conditions From: IEC 60112/VDE 0303 Part 1 To: DIN EN 60112 (VDE 0303-11); IEC 60112
in the Package Characteristics table ................................................................................................................................... 23
•
Deleted CI - Input capacitance to ground from the Package Characteristics table ............................................................. 23
•
Changed title From: IEC Safety Limiting Values To: Safety Limiting Values ....................................................................... 24
•
Changed Figure 17 title From: Thermal Derating Curve per DIN EN 60747-5-5 To: Thermal Derating Curve per VDE .... 24
•
Changed "DIN EN 60747-5-5 & DIN EN 61010-1" To: DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 and DIN EN
61010-1 (VDE 0411-1): 2011-07 in the Regulatory Information table.................................................................................. 25
(1)
Climatic Classification 40/125/21
Changes from Revision P (August 2014) to Revision Q
Page
•
Changed the VI MAX value in the Absolute Maximum Ratings table From: 6 V To: VCC + 0.5 V .......................................... 8
•
Added Note 3 to the Absolute Maximum Ratings table.......................................................................................................... 8
•
Changed the Handling Rating table to the ESD Ratings table. ............................................................................................. 8
•
Moved TSTG - Storage From the ESD Ratings table to the Absolute Maximum Ratings table .............................................. 8
•
Added one row to Table 2. Values: X, PD, X, X, Undetermined ......................................................................................... 26
•
Added one row to Table 3. Values: X, PD, X, X, X, Undetermined .................................................................................... 26
•
Changed Figure 18 labels From: "ISO7240CF Input" To: "ISO7240CF Input, Disable" and From: "Enable" To:
"Enable, Control" ................................................................................................................................................................. 26
Changes from Revision O (November 2012) to Revision P
Page
•
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
•
Changed ISO7241C minimum supply from 2.8 V to 3.15 V................................................................................................... 8
Changes from Revision N (January 2012) to Revision O
Page
•
Added the Safety Limiting Values section ............................................................................................................................ 24
Changes from Revision M (January 2011) to Revision N
Page
•
Changed Feature From: Operates 3.3-V or 5-V Supplies To: Operates With 2.8-V (ISO7241C), 3.3-V or 5-V Supplies ..... 1
•
Added device options to VCC in the RECOMMENDED OPERATING CONDITIONS table ................................................... 8
•
Changed Table Note (1) ......................................................................................................................................................... 8
•
Changed ICC1 and ICC2 test conditions in the VCC1 and VCC2 at 5-V Electrical Characteristics: VCC1 and VCC2 at 5-V
(2)
Operation table ....................................................................................................................................................................... 9
•
Changed Table Note (1) ......................................................................................................................................................... 9
•
Changed ICC1 and ICC2 test conditions in the VCC1 at 5-V, VCC2 at 3.3-V Electrical Characteristics: VCC1 at 5-V, VCC2 at
3.3-V
(3) Operation table ........................................................................................................................................................ 10
•
Changed Table Note (1) ....................................................................................................................................................... 10
•
Changed ICC1 and ICC2 test conditions in the VCC1 at 3.3-V, VCC2 at 5-V Electrical Characteristics: VCC1 at 3.3-V, VCC2
at 5-V
(4) Operation table ....................................................................................................................................................... 11
•
Changed Table Note (1) ....................................................................................................................................................... 11
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com