Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CFDW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDW
Description  High-Speed, Quad-Channel Digital Isolators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CFDW Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7240CFDW Datasheet HTML 7Page - Texas Instruments ISO7240CFDW Datasheet HTML 8Page - Texas Instruments ISO7240CFDW Datasheet HTML 9Page - Texas Instruments ISO7240CFDW Datasheet HTML 10Page - Texas Instruments ISO7240CFDW Datasheet HTML 11Page - Texas Instruments ISO7240CFDW Datasheet HTML 12Page - Texas Instruments ISO7240CFDW Datasheet HTML 13Page - Texas Instruments ISO7240CFDW Datasheet HTML 14Page - Texas Instruments ISO7240CFDW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
www.ti.com
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
7.6 Electrical Characteristics: VCC1 at 5-V, VCC2 at 3.3-V
(1) Operation
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Quiescent
VI = VCC or 0 V
1
3
All channels, no load, EN
ISO7240C/M
mA
at 3 V
25 Mbps
12.5 MHz Input Clock Signal
7
10.5
Quiescent
VI = VCC or 0 V
All channels, no load,
6.5
11
ISO7241C/M
EN1 at 3 V,
mA
ICC1
12
18
25 Mbps
12.5 MHz Input Clock Signal
EN2 at 3 V
Quiescent
VI = VCC or 0 V
All channels, no load,
10
16
ISO7242C/M
EN1 at 3 V,
mA
15
24
25 Mbps
12.5 MHz Input Clock Signal
EN2 at 3 V
Quiescent
VI = VCC or 0 V
9.5
15
All channels, no load, EN
ISO7240C/M
mA
at 3 V
25 Mbps
12.5 MHz Input Clock Signal
10.5
17
Quiescent
VI = VCC or 0 V
All channels, no load,
8
13
ISO7241C/M
EN1 at 3 V,
mA
ICC2
11.5
18
25 Mbps
12.5 MHz Input Clock Signal
EN2 at 3 V
Quiescent
VI = VCC or 0 V
All channels, no load,
6
10
ISO7242C/M
EN1 at 3 V,
mA
9
14
25 Mbps
12.5 MHz Input Clock Signal
EN2 at 3 V
ELECTRICAL CHARACTERISTICS
IOFF
Sleep mode output current
EN at 0 V, Single channel
0
μA
3.3-V side
VCCO – 0.4
IOH = –4 mA, See Figure 9
VOH
High-level output voltage
5-V side
VCCO – 0.8
V
IOH = –20 μA, See Figure 9
VCCO – 0.1
IOL = 4 mA, See Figure 9
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 9
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
IN at VCCI
10
μA
IIL
Low-level input current
IN at 0 V
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
2
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 13
25
50
kV/
μs
(1)
For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V.
For the 3.3-V operation, VCC1 or VCC2 is specified from 3.15 V to 3.6 V.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com