Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CFDWR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDWR
Description  High-Speed, Quad-Channel Digital Isolators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CFDWR Datasheet(HTML) 35 Page - Texas Instruments

Back Button ISO7240CFDWR Datasheet HTML 31Page - Texas Instruments ISO7240CFDWR Datasheet HTML 32Page - Texas Instruments ISO7240CFDWR Datasheet HTML 33Page - Texas Instruments ISO7240CFDWR Datasheet HTML 34Page - Texas Instruments ISO7240CFDWR Datasheet HTML 35Page - Texas Instruments ISO7240CFDWR Datasheet HTML 36Page - Texas Instruments ISO7240CFDWR Datasheet HTML 37Page - Texas Instruments ISO7240CFDWR Datasheet HTML 38Page - Texas Instruments ISO7240CFDWR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
www.ti.com
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
13 Device and Documentation Support
13.1 Device Support
13.1.1 Isolation Glossary
Primary Circuit — A circuit that is directly connected to an external mains supply for its power needs.
Secondary Circuit — A circuit that has no direct connection to a primary circuit and derives its power from a
transformer, converter or equivalent isolation device, or from a battery.
Creepage — The shortest distance between two conductive parts measured along the surface of a solid
insulation. The shortest path is typically found around the end of the package body.
Clearance — The shortest distance between two conductive parts measured through air.
Isolation Capacitance (CIO) — The total capacitance between the terminals on a first side of the isolation barrier
connected together and the terminals on a second side of the isolation barrier connected together forming a two-
terminal device.
Isolation Resistance (RIO) — The resistance between the terminals on a first side of the isolation barrier
connected together and all the terminals on a second side of the isolation barrier connected together forming a
two-terminal device.
Rated Isolation Voltages — The maximum voltage between all input terminals (connected together) and all
output terminals (connected together) respectively.
Maximum Rated Isolation Working Voltage (VIOWM) — An r.m.s or equivalent d.c. voltage assigned by the
manufacturer, characterizing the specified long term withstand capability of its isolation.
Maximum Rated Repetitive Peak Isolation Voltage (VIORM) — A peak voltage assigned by the manufacturer,
characterizing the specified withstand capability of its isolation against repetitive peak voltages. It includes all
repetitive transient voltages, but excludes all non-repetitive transient voltages.
Maximum Rated Transient Isolation Voltage (VIOTM) — A peak impulse voltage assigned by the manufacturer,
characterizing the specified withstand capability of its isolation against transient overvoltages.
Withstand Isolation Voltage (VISO) — Maximum AC r.m.s. isolation voltage for one minute.
Surge Isolation Voltage (VIOSM) — The highest instantaneous value of an isolation voltage pulse with short time
duration and of specified wave shape.
Partial Discharge — Localized electrical discharge which occurs in the insulation between all terminals of the
first side and all terminals of the second side of the coupler.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com