Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CFDWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDWR
Description  High-Speed, Quad-Channel Digital Isolators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CFDWR Datasheet(HTML) 4 Page - Texas Instruments

  ISO7240CFDWR Datasheet HTML 1Page - Texas Instruments ISO7240CFDWR Datasheet HTML 2Page - Texas Instruments ISO7240CFDWR Datasheet HTML 3Page - Texas Instruments ISO7240CFDWR Datasheet HTML 4Page - Texas Instruments ISO7240CFDWR Datasheet HTML 5Page - Texas Instruments ISO7240CFDWR Datasheet HTML 6Page - Texas Instruments ISO7240CFDWR Datasheet HTML 7Page - Texas Instruments ISO7240CFDWR Datasheet HTML 8Page - Texas Instruments ISO7240CFDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
•
Changed ICC1 and ICC2 test conditions in the VCC1 and VCC2 at 3.3 V table .......................................................................... 12
•
Added ELECTRICAL and Switching CHARACTERISTICS tables forVCC1 and VCC2 at 2.8V (ISO722xC-only)................... 12
•
Changed Table Note (1) ....................................................................................................................................................... 12
•
Changed Figure 6 From VCC1 Failsafe Threshold To: VCC Undervoltage Threshold............................................................ 17
•
Changed the CTI MIN value From:
≥175 V To:≥400 V ........................................................................................................ 23
•
Changed the Regulatory Information table........................................................................................................................... 25
Changes from Revision L (January 2010) to Revision M
Page
•
Changed Figure 9, Figure 11, and Figure 12 ....................................................................................................................... 19
•
Changed the CSA File Number From: 1698195 To: 220991 ............................................................................................... 25
Changes from Revision K (Decemberl 2009) to Revision L
Page
•
Added the IEC 60747-5-2 INSULATION CHARACTERISTIC table..................................................................................... 23
•
Added the IEC 60664-1 RATINGS TABLE .......................................................................................................................... 23
•
Added CTI - Tracking resistance (comparative tracking index to the Package Characteristics table.................................. 23
Changes from Revision J (April 2009) to Revision K
Page
•
Changed the Input circuit in the DEVICE I/O SCHEMATICS illustration ............................................................................... 1
•
Added Note 1 to LI01), and changed the MIN value From: 8.34 To 8 mm in the Package Characteristics table .............. 23
•
Added Note 1 to LI02), and changed the MIN value From: 8.1 To 8 mm in the Package Characteristics table ................ 23
Changes from Revision I (December 2008) to Revision J
Page
•
Changed ICC1 for Quiescent and 1Mbps From: 10mA To: 11mA ........................................................................................... 9
•
Changed ICC1 for Quiescent and 1Mbps From: 10mA To: 11mA ......................................................................................... 10
Changes from Revision G (July 2008) to Revision H
Page
•
Added Device number ISO7240CF. ....................................................................................................................................... 1
•
Added Features Bullet: Selectable Failsafe Output (ISO7240CF) ......................................................................................... 1
•
Changed description paragraph 4 text. .................................................................................................................................. 6
•
Changed VI in the Absolute Maximum Ratings table From: Voltage at IN, OUT, EN To: Voltage at IN, OUT, EN,
DISABLE, CTRL ..................................................................................................................................................................... 8
•
Added twake, Wake time from input disable ........................................................................................................................... 13
•
Added twake, Wake time from input disable ........................................................................................................................... 14
•
Added twake, Wake time from input disable ........................................................................................................................... 15
•
Added twake, Wake time from input disable ........................................................................................................................... 16
Changes from Revision F (May 2008) to Revision G
Page
•
Changed the Package Characteristics table, line , L(IO1) MIN value from7.7mm to 8.34mm................................................ 23
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com