Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CFDWR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDWR
Description  High-Speed, Quad-Channel Digital Isolators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CFDWR Datasheet(HTML) 36 Page - Texas Instruments

Back Button ISO7240CFDWR Datasheet HTML 32Page - Texas Instruments ISO7240CFDWR Datasheet HTML 33Page - Texas Instruments ISO7240CFDWR Datasheet HTML 34Page - Texas Instruments ISO7240CFDWR Datasheet HTML 35Page - Texas Instruments ISO7240CFDWR Datasheet HTML 36Page - Texas Instruments ISO7240CFDWR Datasheet HTML 37Page - Texas Instruments ISO7240CFDWR Datasheet HTML 38Page - Texas Instruments ISO7240CFDWR Datasheet HTML 39Page - Texas Instruments ISO7240CFDWR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
Device Support (continued)
Comparative Tracking Index (CTI) — CTI is an index used for electrical insulating materials that is defined as
the numerical value of the voltage which causes failure by tracking during standard testing. Tracking is the
process that produces a partially conducting path of localized deterioration on or through the surface of an
insulating material as a result of the action of electric discharges on or close to an insulation surface -- the higher
the CTI value of the insulating material, the smaller the minimum creepage distance required.
Generally, insulation breakdown occurs either through the material, over its surface, or both. Surface failure may
arise from flashover or from the progressive degradation of the insulation surface by small localized sparks. Such
sparks are the result of the breaking of a surface film of conducting contaminant on the insulation. The resulting
break in the leakage current produces an overvoltage at the site of the discontinuity, and an electric spark is
generated. These sparks often cause carbonization on insulation material and lead to a carbon track between
points of different potential. This process is known as tracking.
Material Groups — Materials are classified into four groups according to their CTI values. These values are
determined in accordance with IEC 60112. The groups are as follows:
•
Material group I: 600V
≤ CTI
•
Material group II: 400V
≤ CTI < 600
•
Material group II: 175V
≤ CTI < 400
•
Material group II: 100V
≤ CTI < 175
13.1.1.1 Insulation:
Functional insulation — Insulation needed for the correct operation of the equipment.
Basic insulation — Insulation that provides basic protection against electric shock.
Supplementary insulation — Independent insulation applied in addition to basic insulation in order to ensure
protection against electric shock in the event of a failure of the basic insulation.
Double insulation — Insulation comprising both basic and supplementary insulation.
Reinforced insulation — A single insulation system which provides a degree of protection against electric shock
equivalent to double insulation.
13.1.1.2 Pollution Degree:
Pollution is any addition of foreign matter, solid, liquid, or gaseous that can result in a reduction of electric
strength or surface resistivity of the insulation. There are four categories of pollution:
Pollution Degree 1 — No pollution or only dry, nonconductive pollution occurs. The pollution has no influence.
Pollution Degree 2 — Only nonconductive pollution occurs. However, a temporary conductivity caused by
condensation is to be expected.
Pollution Degree 3 — Conductive pollution occurs or dry non-conductive pollution occurs which becomes
conductive due to condensation which is to be expected.
Pollution Degree 4 – Continuous conductivity occurs due to conductive dust, rain, or other wet conditions.
13.1.1.3 Overvoltage Categories and Installation Classification:
Overvoltage Categories define transient overvoltage conditions. There are four different levels as indicated in IEC
60664.
I: Signal level — Special protected equipment or parts of equipment, e.g., circuit board inside a DVD player.
II: Local level — Portable equipment that is supplied from the wall outlet, e.g., a DVD player
III: Distribution level — Equipment in fixed installation such as HVAC system, Washers / Dryers, etc.
IV: Primary supply level — Equipment for use at the origin of the installations such as overhead lines, cable
systems, etc.
Lower level category is subject to smaller transients than the category above.
36
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com