Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF01SC Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPWF01SC
Description  Serial-to-Wi-Fi b/g/n intelligent modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF01SC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPWF01SC Datasheet HTML 4Page - STMicroelectronics SPWF01SC Datasheet HTML 5Page - STMicroelectronics SPWF01SC Datasheet HTML 6Page - STMicroelectronics SPWF01SC Datasheet HTML 7Page - STMicroelectronics SPWF01SC Datasheet HTML 8Page - STMicroelectronics SPWF01SC Datasheet HTML 9Page - STMicroelectronics SPWF01SC Datasheet HTML 10Page - STMicroelectronics SPWF01SC Datasheet HTML 11Page - STMicroelectronics SPWF01SC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Module reflow
SPWF01SA, SPWF01SC
8/16
DocID025635 Rev 6
6
Module reflow
The SPWF01SA and SPWF01SC are surface mount modules with a 6-layer PCB. The
recommended final assembly reflow profiles are indicated below.
The soldering phase must be executed with care: in order to prevent an undesired melting
phenomenon, particular attention must be paid to the setup of the peak temperature.
The following are some suggestions for the temperature profile based on the IPC/JEDEC J-
STD-020C, July 2004 recommendations.
Figure 2. Soldering profile
Table 6. Soldering values
Profile feature
PB-free assembly
Average ramp-up rate (TSMAX to TP)
3 °C/sec max
Preheat:
– Temperature min. (Ts min.)
– Temperature max. (Ts max.)
–Time (Ts min. to Ts max) (ts)
150 °C
200 °C
60-100 sec
Critical zone:
Temperature TL
Time TL
217 °C
60-70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature (TP) 10-20 sec
Ramp-down rate
6 °C/sec
Time from 25 °C to peak temperature
8 minutes max.
AM17477v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com