Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF01SC Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPWF01SC
Description  Serial-to-Wi-Fi b/g/n intelligent modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF01SC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPWF01SC Datasheet HTML 5Page - STMicroelectronics SPWF01SC Datasheet HTML 6Page - STMicroelectronics SPWF01SC Datasheet HTML 7Page - STMicroelectronics SPWF01SC Datasheet HTML 8Page - STMicroelectronics SPWF01SC Datasheet HTML 9Page - STMicroelectronics SPWF01SC Datasheet HTML 10Page - STMicroelectronics SPWF01SC Datasheet HTML 11Page - STMicroelectronics SPWF01SC Datasheet HTML 12Page - STMicroelectronics SPWF01SC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID025635 Rev 6
9/16
SPWF01SA, SPWF01SC
Regulatory compliance
16
7
Regulatory compliance
RF compliance
The RF certifications obtained are described in Table 7 below.
Note:
The SG901-1066 from Sagrad Inc. is the only approved antenna using the u.fl connector
version.
FCC and IC
This module has been tested and complies with the FCC part 15 and IC RSS-210
regulations. These limits are designed to provide reasonable protection against harmful
interference in approved installations. This equipment generates, uses, and can radiate
radio frequency energy and, if not installed and used in accordance with the instructions,
may cause harmful interference to radio communications.
However, there is no guarantee that interference will not occur in a particular installation.
This device complies with part 15 of the FCC rules. Operation is subject to the following two
conditions:
1.
The device must not cause harmful interference.
and
2.
The device must accept any interference received, including interference that may
cause undesired operation.
Modifications or changes to this equipment not expressly approved by the party responsible
for compliance may render void the user's authority to operate this equipment.
Modular approval, FCC and IC
FCC ID: VRA-SG9011203
IC: 7420A-SG9011203
In accordance with FCC part 15, the modules SPWF01SA and SPWF01SC are listed above
as a modular transmitter device.
Table 7. RF certification summary
Comment
FCC ID VRA-SG9011203
On board antenna and external SG901-1066 with connector version
IC ID
7420A-SG9011203
On board antenna and external SG901-1066 with connector version
ETSI
Compliant
Approved with on board antenna and connector version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com