Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF01SC Datasheet(PDF) 3 Page - STMicroelectronics

Part # SPWF01SC
Description  Serial-to-Wi-Fi b/g/n intelligent modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF01SC Datasheet(HTML) 3 Page - STMicroelectronics

  SPWF01SC Datasheet HTML 1Page - STMicroelectronics SPWF01SC Datasheet HTML 2Page - STMicroelectronics SPWF01SC Datasheet HTML 3Page - STMicroelectronics SPWF01SC Datasheet HTML 4Page - STMicroelectronics SPWF01SC Datasheet HTML 5Page - STMicroelectronics SPWF01SC Datasheet HTML 6Page - STMicroelectronics SPWF01SC Datasheet HTML 7Page - STMicroelectronics SPWF01SC Datasheet HTML 8Page - STMicroelectronics SPWF01SC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID025635 Rev 6
3/16
SPWF01SA, SPWF01SC
General electrical specifications
16
2
General electrical specifications
Table 1. Absolute maximum ratings
Parameter
Test condition/comment
Min.
Typ.
Max.
Unit
Voltage supply
-
-0.3
-
4.0
V
Vin for 5 V tolerant pins
-0.3
5.5
V
Vin for all other pins
-0.3
2.8
V
Storage temperature range
-55
105
°C
Table 2. Operating conditions and input power specifications(1)
1.
Typical results are at room temperature only.
Parameter
Test condition/comment
Min.
Typ.
Max.
Unit
Operating temperature range
Industrial
-40
85
°C
3.3 V
supply
Input supply voltage
3.3 V supply input
3.1
3.3
3.6
V
Standby
Both the STM32 and the radio
are in standby power states
43
uA
Sleep
The STM32 is in stop power
state and the radio is in sleep
power state
15
mA
Low power state
The STM32 is active and the
radio is in sleep power state
26
mA
TX
802.11b
TX power=0 dBm
236
mA
TX power=10 dBm
250
TX power=18 dBm
344
802.11g
TX power=0 dBm
210
TX power=10 dBm
243
TX power=18 dBm
338
RX
802.11b
105
mA
802.11g
105
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com