Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041IPAPQ1 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041IPAPQ1
Description  Automotive Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041IPAPQ1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB8041IPAPQ1 Datasheet HTML 22Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 23Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 24Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 25Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 26Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 27Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 28Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 29Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
TUSB8041-Q1
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
www.ti.com
8.5.21 Product String Registers
Table 42. Register Offset 90h-CFh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 43. Bit Descriptions – Product String Byte N Register
Bit
Field Name
Access
Description
Product string byte N. These registers provide the string values returned
for string index 2 when prodStringLen is greater than 0. The number of
bytes returned in the string is equal to prodStringLen.
7:0
prodStringByte[n]
RO/RW
The programmed data should be in UNICODE UTF-16LE encodings as
defined by The Unicode Standard, Worldwide Character Encoding,
Version 5.0.
8.5.22 Additional Feature Configuration Register
Table 44. Register Offset F0h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 45. Bit Descriptions – Additional Feature Configuration Register
Bit
Field Name
Access
Description
7:5
RSVD
RO
Reserved. Read only, returns 0 when read.
4
stsOutputEn
RO/RW
Status output enable. This bit enables the HS, HS_SUSPEND, SS, and
SS_SUSPEND outputs..
0 = HS, HS_SUSPEND, SS, and SS_SUSPEND outputs are
disabled and tri-stated.
1 = HS, HS_SUSPEND, SS, and SS_SUSPEND outputs are
enabled.
This field may be over-written by EEPROM contents or by an SMBus
Host.
3:1
pwronTime
RW
Power On Delay Time. When OTP ROM pwronTime field is all zero , this
field sets the delay time from the removal disable of PWRCTL to the
enable of PWRCTL when transitioning battery charging modes. For
example, when disabling the power on a transition from a custom
charging mode to Dedicated Charging Port Mode. The nominal timing is
defined as follows:
TPWRON_EN = (pwronTime + 1) x 200 ms
(1)
This field may be over-written by EEPROM contents or by an SMBus
host.
USB3 Spread Spectrum Disable. This bit allows firmware to disable the
spread spectrum function of the USB3 phy PLL.
0
usb3spreadDis
RW
0 = Spread spectrum function is enabled
1= Spread spectrum function is disabled
26
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com