Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041IPAPQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041IPAPQ1
Description  Automotive Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041IPAPQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB8041IPAPQ1 Datasheet HTML 3Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 4Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 5Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 6Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 7Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 8Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 9Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 10Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
TUSB8041-Q1
www.ti.com
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
USB Port 4 Over-Current Detection. This pin is used to connect the over current output of the
downstream port power switch for Port 4.
0 = An over current event has occurred
OVERCUR4z
11
I, PU
1 = An over current event has not occurred
This pin can be left unconnected if power management is not implemented. If power
management is enabled, the external circuitry needed should be determined by the power
switch.
I2C/SMBUS Signals
I2C clock/SMBus clock. Function of pin depends on the setting of the SMBUSz input.
When SMBUSz = 1, this pin acts as the serial clock interface for an I2C EEPROM.
SCL/SMBCLK
6
I/O, PD
When SMBUSz = 0, this pin acts as the serial clock interface for an SMBus host.
Can be left unconnected if external interface not implemented.
I2C data/SMBus data. Function of pin depends on the setting of the SMBUSz input.
When SMBUSz = 1, this pin acts as the serial data interface for an I2C EEPROM.
SDA/SMBDAT
5
I/O, PD
When SMBUSz = 0, this pin acts as the serial data interface for an SMBus host.
Can be left unconnected if external interface not implemented.
I2C/SMBus mode select/SuperSpeed USB Suspend Status. The value of the pin is sampled
at the de-assertion of reset set I2C or SMBus mode as follows:
1 = I2C Mode Selected
0 = SMBus Mode Selected
SMBUSz/SS_SUSPEND
7
I/O, PU
Can be left unconnected if external interface not implemented.
After reset, this signal indicates the SuperSpeed USB Suspend status of the upstream port if
enabled through the Additional Feature Configuration register. When enabled a value of 1
indicates the connection is suspended.
Test and Miscellaneous Signals
Full power management enable/SMBus address bit 1/SuperSpeed USB Connection Status
Upstream port.
The value of the pin is sampled at the de-assertion of reset to set the power switch control
follows:
0 = Power switching and over current inputs supported
1 = Power switching and over current inputs not supported
Full power management is the ability to control power to the downstream ports of the
FULLPWRMGMTz/
8
I/O, PD TUSB8041-Q1 using PWRCTL[4:1]/BATEN[4:1].
SMBA1/SS_UP
When SMBus mode is enabled using SMBUSz, this pin sets the value of the SMBus slave
address bit 1.
Can be left unconnected if full power management and SMBus are not implemented.
After reset, this signal indicates the SuperSpeed USB connection status of the upstream port
if enabled through the Additional Feature Configuration register. When enabled a value of 1
indicates the upstream port is connected to a SuperSpeed USB capable port.
Note: Power switching must be supported for battery charging applications.
Power Control Polarity.
The value of the pin is sampled at the de-assertion of reset to set the polarity of
PWRCTL[4:1].
PWRCTL_POL
9
I/O, PU
0 = PWRCTL polarity is active low
1 = PWRCTL polarity is active high
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com