Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041IPAPQ1 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041IPAPQ1
Description  Automotive Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041IPAPQ1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB8041IPAPQ1 Datasheet HTML 29Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 30Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 31Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 32Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 33Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 34Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 35Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 36Page - Texas Instruments TUSB8041IPAPQ1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
VDD11
VDD33
BOARD_3P3V
BOARD_1P1V
C32
0.1uF
C33
10uF
C29
0.1uF
C30
0.1uF
C38
10uF
C26
0.1uF
C34
0.1uF
C27
0.1uF
C36
0.1uF
C35
0.1uF
C28
0.1uF
C37
0.1uF
TUSB8041-Q1
U1G
NC
28
NC
40
VDD33
2
VDD33
20
VDD33
31
VDD33
48
FB5
220 @ 100MHZ
C31
0.1uF
FB6
220 @ 100MHZ
C39
1uF
C41
18pF
TUSB8041-Q1
U1F
GRSTN
50
XO
61
XI
62
SDA/SMBDAT
37
SCL/SMBCLK
38
SMBUSZ/SS_SUSPEND
39
PWRCTL_POL
41
AUTOENZ/HS_SUSPEND
45
TEST
49
USB_R1
64
C40
18pF
Y1
24MHz
R18
4.7K
0402
5%
R14
1M
R15
9.53K
0402
1%
R16
4.7K
TUSB8041-Q1
www.ti.com
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
9.2.1.2.7
Clock, Reset, and Misc
The PWRCTL_POL is left unconnected which results in active high power enable (PWRCTL1, PWRCTL2,
PWRCTL3, and PWRCTL4) for a USB VBUS power switch. The 1 µF capacitor on the GRSTN pin can only be
used if the VDD11 supply is stable before the VDD33 supply. The depending on the supply ramp of the two
supplies the capacitor may have to be adjusted.
Figure 11. Clock, Reset, and Misc
9.2.1.2.8
TUSB8041-Q1 Power Implementation
Figure 12. TUSB8041-Q1 Power Implementation
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com