Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVT120201 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVT120201
Description  1.9mm-thick Two-way Operation Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVT120201 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPVT120201 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Center of rotation
0.26
3.5
(1.51)
1.3
7.45
5.6
1
0.5
1.9
1.2
1.7
On starting position(horizontal direction),
operating force measurement position
On starting position
(vertical direction)
On Starting position
(horizontal direction)
Total travel
Center of rotation
A
Center of rotation
0.26
3.5
(1.51)
1.3
3.73
5.6
1
0.5
1.9
1.2
1.7
On starting position(horizontal direction),
operating force measurement position
On Starting position
(horizontal direction)
Total travel
Center of rotation
A
On starting position
(vertical direction)
Center of rotation
0.26
3.5
(1.51)
1.3
3.73
5.6
1
0.5
1.9
1.2
1.7
On starting position(horizontal direction),
operating force measurement position
On Starting position
(horizontal direction)
Total travel
Center of rotation
A
On starting position
(vertical direction)
Center of rotation
0.26
3.5
(1.51)
1.3
5.6
1
0.5
1.9
1.2
1.7
On starting position(horizontal direction),
operating force measurement position
On Starting position
(horizontal direction)
Total travel
Center of rotation
A
On starting position
(vertical direction)
22
22
SPVT 1.9mm-thick Two-way Operation Type
Style
PC board mounting hole and land dimensions
(Viewed from direction A )
No.
1
2
3
Unit:mm
Dimensions
4
With boss
With boss
With boss
With boss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com