Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVT120201 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVT120201
Description  1.9mm-thick Two-way Operation Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVT120201 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SPVT120201 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
71
71
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple φ0.1 to 0.2 CA(K)or CC(T)at soldering portion(copper foil surface).
  A heat resisting tape should be used for fixed measurement.
3. Temperature profile
300
200
100
A max.
B
E
D
Time (s)
C
Pre-heating
F max.
Room
temperature
SPPB
260
230
40
35
40
180
150
120
SPPW8
SPVE
250
SSCQ
250
SPVN
SPVL
SPVM
SPVS
SPVT
SSCM
SPVR
Series(Reflow type)
A(℃)3s max.
B(℃)
C(s)
D(℃)
E(℃)
F(s)
SPVQC
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's
temperature greatly differs from that of the switch, surface depending on the PC board's material, size, thickness, etc.
The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines.
Prior verification of soldering condition is highly recommended.
Notes
Detector Switches Soldering Conditions
Reference for Hand Soldering
SPVS, SPVN, SPVT, SPVM, SPVR,
SPVE, SPPW8,SSCQ, SSCM,
SPVL, SSCT, SPVQC
SPVQ1, SPVQ3, SPVQ6, SPVQ7,
SPVQ8, SPVQ9, SSCN, SPVQA
SPPB(Reflow)
SSCF, SPPB(For Lead, Dip)
Soldering
temperature
350±5℃
300±5℃
300±10℃
350±10℃
Soldering time
3s max.
5s max.
3 +1 / 0s
3 +1 / 0s
Series
Reference for Dip Soldering
(For PC board terminal types)
SSCT, SPVQ1, SPVQ3,
SPVQ6, SPVQ7, SPVQ8,
SPVQ9, SPVQA
SSCF
SPPW8, SPPB
Items
Preheating
temperature
Soldering
temperature
Preheating
time
Duration of
immersion
Dip soldering
260±5℃
100±10℃
5±1s
60s max.
260±5℃
ー
5±1s
255±5℃
100 ℃
max.
5±1s
60s max.
Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com