Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVT120201 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVT120201
Description  1.9mm-thick Two-way Operation Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVT120201 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVT120201 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVT120201 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
21
21
Surface mount type, two-way detection
with body thickness of 1.9mm
1.9mm-thick Two-way Operation Type
SPVT
Refer to P.71 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
50mA 20V DC / 100BA 3V DC
Contact resistance
(Initial / After operating life)
500mΩ max. / 1Ω max.
Operating force
0.4N max.
Operating life
Without load
100,000cycles
With load
100,000cycles(50mA 20V DC)
Product Line
Poles
1
1
2
3
4
1
2
3
5
6
7
SPVT110102
SPVT130101
SPVT120101
SPVT140101
SPVT110201
SPVT130201
SPVT120201
SPVT210101
SPVT230101
SPVT220102
1
Positions
For PC board
(Reflow)
Terminal type
Left
Right
Operating
direction
Location lug
Drawing No.
With both sides
With a right side
With a left side
Without
With
With
Side terminal
Product No.
10,000
2,500
With both sides
With a right side
With a left side
With both sides
With a right side
With a left side
8
SPVT240101
Without
5
SPVT210201
With both sides
6
SPVT230201
With a right side
7
SPVT220201
With a left side
Without
Without
Export
Japan
Minimumorder unit(pcs)
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
2,500
5,000
10,000
16
417×409×139
Circuit Diagram


Similar Part No. - SPVT120201

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
SPV SENSATA-SPV Datasheet
202Kb / 2P
SPV & SPC ENCODER INTERFACE MODULES
logo
KITAGAWA GmbH
SPV KGS-SPV Datasheet
92Kb / 1P
3W/m·K silicone thermal pad for high operating temperature applications
logo
Mean Well Enterprises C...
SPV-150 MEANWELL-SPV-150 Datasheet
320Kb / 3P
150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
339Kb / 3P
150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
320Kb / 3P
150W Single Output with PFC Function
More results

Similar Description - SPVT120201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVM ETC2-SPVM Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
One-way Operation Type
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVG ALPS-SPVG Datasheet
770Kb / 7P
2mm-thick Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVN ALPS-SPVN Datasheet
236Kb / 4P
Low-profile Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVN ALPS-SPVN_15 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com