Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F174 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F174
Description  Hex D Flip-Flop with Master Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F174 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F174 Datasheet HTML 1Page - National Semiconductor (TI) 74F174 Datasheet HTML 2Page - National Semiconductor (TI) 74F174 Datasheet HTML 3Page - National Semiconductor (TI) 74F174 Datasheet HTML 4Page - National Semiconductor (TI) 74F174 Datasheet HTML 5Page - National Semiconductor (TI) 74F174 Datasheet HTML 6Page - National Semiconductor (TI) 74F174 Datasheet HTML 7Page - National Semiconductor (TI) 74F174 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock Frequency
80
70
80
MHz
tPLH
Propagation Delay
35
55
80
30
100
35
90
ns
tPHL
CP to Qn
40
70
100
40
120
40
110
tPHL
Propagation Delay
50
100
140
50
160
50
150
ns
MR to Qn
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
48
50
48
ts(L)
Dn to CP
40
50
40
ns
th(H)
Hold Time HIGH or LOW
0
20
0
th(L)
Dn to CP
0
20
0
tw(H)
CP Pulse Width
40
50
40
ns
tw(L)
HIGH or LOW
60
75
60
tw(L)
MR Pulse Width LOW
50
65
50
ns
trec
Recovery Time MR to CP
50
60
50
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com