Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F174 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F174
Description  Hex D Flip-Flop with Master Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F174 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F174 Datasheet HTML 1Page - National Semiconductor (TI) 74F174 Datasheet HTML 2Page - National Semiconductor (TI) 74F174 Datasheet HTML 3Page - National Semiconductor (TI) 74F174 Datasheet HTML 4Page - National Semiconductor (TI) 74F174 Datasheet HTML 5Page - National Semiconductor (TI) 74F174 Datasheet HTML 6Page - National Semiconductor (TI) 74F174 Datasheet HTML 7Page - National Semiconductor (TI) 74F174 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9489
November 1994
54F74F174 Hex D Flip-Flop with Master Reset
General Description
The ’F174 is a high-speed hex D flip-flop The device is
used primarily as a 6-bit edge-triggered storage register
The information on the D inputs is transferred to storage
during the LOW-to-HIGH clock transition The device has a
Master Reset to simultaneously clear all flip-flops
Features
Y
Edge-triggered D-type inputs
Y
Buffered positive edge-triggered clock
Y
Asynchronous common reset
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F174PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F174DM (Note 2)
J16A
16-Lead Ceramic Dual-In-Line
74F174SC (Note 1)
M16A
16-Lead (0150 Wide) Molded Small Outline JEDEC
74F174SJ (Note 1)
M16D
16-Lead (0300 Wide) Molded Small Outline EIAJ
54F174FM (Note 2)
W16A
16-Lead Cerpack
54F174LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use Suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
Connection Diagrams
TLF9489 – 3
IEEEIEC
TLF9489 – 5
Pin Assignment for
DIP SOIC and Flatpak
TLF9489 – 1
Pin Assignment
for LCC
TLF9489 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F174

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F174 PHILIPS-74F174 Datasheet
75Kb / 8P
Hex D flip-flops
1988 Oct 07
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
Hex D-Type Flip-Flop with Master Reset
74F174 FAIRCHILD-74F174 Datasheet
79Kb / 7P
Hex D-Type Flip-Flop with Master Reset
74F174PC FAIRCHILD-74F174PC Datasheet
57Kb / 6P
Hex D-Type Flip-Flop with Master Reset
74F174PC FAIRCHILD-74F174PC Datasheet
79Kb / 7P
Hex D-Type Flip-Flop with Master Reset
More results

Similar Description - 74F174

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC174 NSC-54AC174 Datasheet
140Kb / 8P
Hex D Flip-Flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10H186 ONSEMI-MC10H186 Datasheet
100Kb / 4P
Hex D Master-Slave Flip-Flop with Reset
1996 REV 5
logo
Fairchild Semiconductor
74AC174 FAIRCHILD-74AC174 Datasheet
99Kb / 9P
Hex D-Type Flip-Flop with Master Reset
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
Hex D-Type Flip-Flop with Master Reset
logo
Hitachi Semiconductor
HD74AC174 HITACHI-HD74AC174 Datasheet
56Kb / 9P
Hex D-Type Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
Hex D Flip-flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174_00 Datasheet
79Kb / 7P
Hex D-Type Flip-Flop with Master Reset
logo
Renesas Technology Corp
HD74AC174 RENESAS-HD74AC174 Datasheet
210Kb / 8P
Hex D-Type Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com