Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F174 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F174
Description  Hex D Flip-Flop with Master Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F174 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F174 Datasheet HTML 1Page - National Semiconductor (TI) 74F174 Datasheet HTML 2Page - National Semiconductor (TI) 74F174 Datasheet HTML 3Page - National Semiconductor (TI) 74F174 Datasheet HTML 4Page - National Semiconductor (TI) 74F174 Datasheet HTML 5Page - National Semiconductor (TI) 74F174 Datasheet HTML 6Page - National Semiconductor (TI) 74F174 Datasheet HTML 7Page - National Semiconductor (TI) 74F174 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D5
Data Inputs
1010
20 mA b06 mA
CP
Clock Pulse Input (Active Rising Edge)
1010
20 mA b06 mA
MR
Master Reset Input (Active LOW)
1010
20 mA b06 mA
Q0–Q5
Outputs
50333
b
1 mA20 mA
Functional Description
The ’F174 consists of six edge-triggered D flip-flops with
individual D inputs and Q outputs The Clock (CP) and Mas-
ter Reset (MR) are common to all flip-flops Each D input’s
state is transferred to the corresponding flip-flop’s output
following the LOW-to-HIGH Clock (CP) transition A LOW
input to the Master Reset (MR) will force all outputs LOW
independent of Clock or Data inputs The ’F174 is useful for
applications where the true output only is required and the
Clock and Master Reset are common to all storage ele-
ments
Truth Table
Inputs
Outputs
MR
CP
Dn
Qn
LX
X
L
H
L
HH
H
L
LL
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
L e LOW-to-HIGH Clock Transition
Logic Diagram
TLF9489 – 4
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com