Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Backup Battery Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT2804 Datasheet HTML 12Page - Active-Semi, Inc ACT2804 Datasheet HTML 13Page - Active-Semi, Inc ACT2804 Datasheet HTML 14Page - Active-Semi, Inc ACT2804 Datasheet HTML 15Page - Active-Semi, Inc ACT2804 Datasheet HTML 16Page - Active-Semi, Inc ACT2804 Datasheet HTML 17Page - Active-Semi, Inc ACT2804 Datasheet HTML 18Page - Active-Semi, Inc ACT2804 Datasheet HTML 19Page - Active-Semi, Inc ACT2804 Datasheet HTML 20Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Rev 2, Feb-04-2016
Innovative PowerTM
- 16 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2804
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Schematic as show in Figure 6, Ta = 25°C, unless otherwise specified)
3500
3000
2500
2000
1500
1000
500
0
Test Point
0
5
10
15
20
25
30
1200
1000
800
600
400
200
0
Vbat (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Charge Efficiency
96.0
95.0
94.0
93.0
92.0
91.0
90.0
Vbat (V)
5.5
6.0
6.5
7.0
7.5
8.0
8.5
Battery Charge Current vs. Junction
Temperature
1400
1200
1000
800
600
400
200
0
Temperature (°C)
-20
0
20
40
60
80
100
120
140
Discharge Efficiency
100.0
95.0
90.0
85.0
80.0
75.0
Output Current (mA)
0
500
1000
1500
2000
2500 3000
3500
4000
Charge Current
25.0
20.0
15.0
10.0
5.0
0
Temperature (°C)
-20
0
20
40
60
80
100
120
Battery Leakage vs. Junction Temperature
(HZ Mode)
VBAT = 8.2V
VBAT = 7.0V
VIN = 5.0V
VIN = 5.0V
ICHRG = 1.0A
VIN = 5.0V
ICHRG = 1A
VIN = 5.0V
VBAT = 7.5V
Battery Charge V/I Profile
Charge Current vs. Output Current
VBAT = 7.5V
VBAT = 8.4V
VBAT = 6.0V
Input Current
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com