Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804 Datasheet(PDF) 17 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Backup Battery Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 17 Page - Active-Semi, Inc

Back Button ACT2804 Datasheet HTML 12Page - Active-Semi, Inc ACT2804 Datasheet HTML 13Page - Active-Semi, Inc ACT2804 Datasheet HTML 14Page - Active-Semi, Inc ACT2804 Datasheet HTML 15Page - Active-Semi, Inc ACT2804 Datasheet HTML 16Page - Active-Semi, Inc ACT2804 Datasheet HTML 17Page - Active-Semi, Inc ACT2804 Datasheet HTML 18Page - Active-Semi, Inc ACT2804 Datasheet HTML 19Page - Active-Semi, Inc ACT2804 Datasheet HTML 20Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Rev 2, Feb-04-2016
Innovative PowerTM
- 17 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2804
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Schematic as show in Figure 6, Ta = 25°C, unless otherwise specified)
Buck Output1 Constant Current Limit
vs. Temperature
2750
2700
2650
2600
2550
2500
2450
Temperature (°C)
-30
0
30
60
90
120
150
VBAT = 8.4V
CV= 4.0V
Rcs=25mΩ(1%)
Buck Output2 Constant Current Limit
vs. Temperature
1300
1250
1200
1150
1100
1050
1000
VBAT = 8.4V
CV= 4.0V
Rcs=25mΩ(1%)
Buck Output2 Voltage vs. Output Current
5.25
5.20
5.15
5.10
5.05
5.00
4.95
Buck Output2 Current (mA)
0
500
1000
1500
2000
2500
3000
VBAT =8.4V
VBAT=6.0V
Buck Output1 Voltage vs. Output Current
Buck Output1 Current (mA)
0
200
400
600
800
1000
1200
1400
VBAT =8.4V
VBAT=6.0V
Temperature (°C)
-30
0
30
60
90
120
150
Buck Output1 Constant Current Limit vs. VBAT
1240
1230
1210
1200
1190
1180
Buck Output2 Constant Current Limit vs. VBAT
2720
2700
2680
2660
2640
2620
2600
Vbat (V)
5.8
6.2
6.6
7.0
7.4
7.8
8.2
8.6
Vbat (V)
5.8
6.2
6.6
7.0
7.4
7.8
8.2
8.6
5.25
5.20
5.15
5.10
5.05
5.00
4.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com