Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Backup Battery Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT2804 Datasheet HTML 6Page - Active-Semi, Inc ACT2804 Datasheet HTML 7Page - Active-Semi, Inc ACT2804 Datasheet HTML 8Page - Active-Semi, Inc ACT2804 Datasheet HTML 9Page - Active-Semi, Inc ACT2804 Datasheet HTML 10Page - Active-Semi, Inc ACT2804 Datasheet HTML 11Page - Active-Semi, Inc ACT2804 Datasheet HTML 12Page - Active-Semi, Inc ACT2804 Datasheet HTML 13Page - Active-Semi, Inc ACT2804 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev 2, Feb-04-2016
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2804
ACT2804 is a complete battery charging and
discharging
power
management
solution
for
applications of dull-cell lithium-based backup
battery pack or power bank.
With the advanced bidirectional architecture, a
synchronous boost/buck converter is connected
from VOUT to switching node (SW). The converter
could be configured as either boost to charge
battery or buck to discharge battery.
Modes of Operation
ACT2804 has 3 operation modes: charge mode,
discharge mode, and high-impedance (HZ) mode.
High Impedance (HZ) Mode
HZ mode is the default mode. In HZ mode, all the
switches are turned off , only PB circuit alive and
the IC draws less than 10uA current from VBAT.
Discharge Mode
In discharge mode, Buck converter operates in CV/
CC regulation. VOUT1 current limit is set at 1.25A
and VOUT2 current limit is set at 2.65A.
Charge Mode
ACT2804 is configured in charge mode (boost
mode) when VIN is valid. In this mode, a battery is
charged with trickle, preconditioning, fast charge,
top-off and end of charge (EOC). The typical
charge management is shown in Figure 1.
Precondition Charge
When operating in precondition state, the cell is
charged at a reduced current at 15% of the
programmed
maximum
fast
charge
constant
current. Once VBAT reaches the precondition
threshold voltage the state machine jumps to the
fast charge state.
Fast Charge
If
battery
voltage
is
above
preconditioning
threshold, boost converter charges battery with
constant current. In fast charge state, the ACT2804
charges at the current set by the external resistor
connected at the ICST pin. During a normal charge
cycle fast charge continues in CC mode until VBAT
reaches the charge termination voltage, at which
point the ACT2804 charges in top off state.
Top Off
Device transitions from Fast Charge (CC) to Top
Off (CV), and moves to EOC (End of Charge) state
when charging current is less than IEOC.
End of Charge
In Top Off mode, when charges current decreases
to 10% of set fast charge current, the boost
converter goes into end of charge mode and keep
monitoring the battery voltage.
Recharge
In EOC, device would re-charge batteries when
both battery voltage levels drops 5% below VEOC.
Battery Removal
If the battery is removed, boost converter regulates
at the programmed regulation voltage.
Cell Balance
Cell Balance is activated in both Fast Charge and
Top Off modes. Each battery is connected with a
parallel bleeding switch.
Push Button
PB is always watched in HZ mode and discharge
mode. If the push but on PB is pressed for >40mS
in HZ mode, the LED (s) will turn on for 5 seconds.
In the mean time, discharge mode is enabled.
FUNCTIONAL DESCRIPTION
VEOC
FAST CHARGEB CURRENT
VPRECHARGE
PRECONDITION CHARGE CURRENT
A
B
C
D
STATE
B
RECHARGE
Current
Voltage
END-OF-CHARGE CURRENT
A: PRECONDITION STATE
B: FAST-CHARGE STATE
C: TOP-OFF STATE
D: END-OF-CHARGE STATE
Figure 1. Typical Li+ Charge Profile and ACT2804 Charge States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com