Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4529 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT4529
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT4529 Datasheet HTML 1Page - Active-Semi, Inc ACT4529 Datasheet HTML 2Page - Active-Semi, Inc ACT4529 Datasheet HTML 3Page - Active-Semi, Inc ACT4529 Datasheet HTML 4Page - Active-Semi, Inc ACT4529 Datasheet HTML 5Page - Active-Semi, Inc ACT4529 Datasheet HTML 6Page - Active-Semi, Inc ACT4529 Datasheet HTML 7Page - Active-Semi, Inc ACT4529 Datasheet HTML 8Page - Active-Semi, Inc ACT4529 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ACT4529
Rev1, October 13th, 2015
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
s
Input Over Voltage Protection
VIN_OVP
Rising
40
42
44
V
Input Over Voltage Hysteresis
4
V
Input Over Voltage Response Time
T_VIN_OVP
VIN step from 30V to 45V
250
ns
Input Under Voltage Lockout (UVLO)
VIN
Rising
4.5
V
Input UVLO Hysteresis
200
mV
Input Voltage Power Good Deglitch
Time
No OVP
40
ms
Input Voltage Power Good Deglitch
Time
No UVP
10
us
Input Standby Current
Vin=12V, Vout=5.1V, Iload=0
500
uA
Output Voltage Regulation
CSP
5.05
9.0
11.95
5.1
9.1
12.1
5.15
9.2
12.25
V
Output Over Voltage Protection
(OVP)
Output rising
5.7
10.1
13.5
V
Output Over Voltage Deglitch Time
1.0
us
Output Voltage Cord Compensation
ACT4529YH
-T0001
-15%
100
+15%
mV
Output current 2.4A
ACT4529YH
-T0010
-15%
200
+15%
mV
ACT4529YH
-T0011
-15%
200
+15%
mV
Output Under Voltage Protection
(UVP)
VOUT
VOUT falling
-10%
3.2
10%
V
UVP Hysteresis
VOUT
VOUT rising
0.2
V
UVP Deglitch Time
VOUT
10
us
UVP Blanking Time at Startup
3.5
ms
Output Constant Current Limit
Rcs=25mΩ
2.50
2.65
2.80
A
Hiccup Waiting Time
4.13
S
Top FET Cycle by Cycle Current
Limit
4.5
5.8
A
Top FET Rdson
70
mΩ
Bottom FET Rdson
4.7
Ω
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com